Electronic Components Datasheet Search
  English  ▼

X  

646 Datasheet(PDF) 3 Page - Mallory performance club

Part # 646
Description  WINDOW RPM ACTIVATED SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

646 Datasheet(HTML) 3 Page - Mallory performance club

  646 Datasheet HTML 1Page - Mallory performance club 646 Datasheet HTML 2Page - Mallory performance club 646 Datasheet HTML 3Page - Mallory performance club 646 Datasheet HTML 4Page - Mallory performance club 646 Datasheet HTML 5Page - Mallory performance club 646 Datasheet HTML 6Page - Mallory performance club 646 Datasheet HTML 7Page - Mallory performance club 646 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MALLORY TECHNICAL SUPPORT
(775) 882-6600
tech@mrgasket.com
PURPLE WIRES ñ
Connect to a device to be turned OFF at a
selected RPM. NOTE: Relays are required if
device being switched draws more than 5 amps.
0 7 5
Connect ignition coil and distributor/trigger
wires according to the HYFIRE
Æ VII instructions
applicable to the distributor/trigger being used
To tachometer
DO NOT connect to coil (+) terminal.
Connect this wire to a switched 12 volt
source. Switch must be capable of
switching all of the current from the
ignition and device(s).
The ignition may draw up to 1/2 amp.
Minimum of 18GA wire should be used.
BLACK
RED
DO NOT connect to coil (+) terminal
BLACK
To engine block or
chassis ground
ORANGE WIRES ñ
Connect to a device to be turned
ON at a selected RPM.
C ñ CYLINDER SELECT
L ñ LOW RPM
H ñ HIGH RPM
DOWN
UP
WINDOW RPM SWITCH
P/N 646
MODE
VALUE
MODE
®
FIGURE 3
0 7 5
ST AND ARD
ST AND ARD
Connect ignition coil and distributor/trigger wires
according to the HYFIREÆ VII instructions applicable to
the distributor/trigger being used
GREEN
To tachometer
RED
DO NOT connect to COIL (+) terminal
PURPLE
ORANGE
BLACK
Connect the other wire from the device to
GROUND. NOTE: Relays are required if the
device being switch requires more than 5 amps.
Connect the other wire from the device to
GROUND. NOTE: Relays are required if the
device being switch requires more than 5 amps.
Connect this wire to a device to be
turned OFF at a selected RPM.
Connect this wire to a device to be
turned ON at a selected RPM.
To engine block or chassis ground
To engine block or chassis ground
To engine block or chassis ground
DO NOT connect these wires to COIL (+) terminal
Connect these wires to a switched 12 volt source.
Switch must be capable of switching all of the
current from the ignition and devices.
These relays are shown as examples
only. Other relays may be used, such
as Blue Streak Part No. RY-48
FIGURE 4
RPM ACTIVATED SWITCH WITH HYFIRE® VII
RPM ACTIVATED SWITCH AND
RELAYS WITH HYFIRE® VII



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com