| Electronic Components Datasheet Search |
|
686M Datasheet(PDF) 9 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
686M Datasheet(HTML) 9 Page - Mallory performance club |
|
9 / 12 page ![]() Connecting to Ford DuraSpark Systems (non-computer type) using Adapter PART NO. 29039 and Harness PART NO. 29040 for OEM magnetic pickup Refer to Figure 8 while performing the following steps. Connecting Adapter PART NO. 29039: • Disconnect all connectors at the ignition module, ignition coil and distributor. Remove the ignition module. Remove the distributor and coil harnesses. • Connect the Adapter ORANGE WIRE to the distributor plug’s ORANGE WIRE. • Connect the Adapter YELLOW WIRE to the distributor plug’s PURPLE WIRE. • Connect the other Adapter female socket to the vehicle’s matching male socket. (The matching male socket was originally connected the ignition module.) Connecting the Harness PART NO. 29040: • Connect the HYFIRE® 6.6 Electronic Ignition Control’s SMALL GREEN WIRE to the Harness RED WIRE. • Connect the HYFIRE® 6.6 Electronic Ignition Control’s SMALL BLACK WIRE to the Harness BLACK WIRE. • Connect the mating plug of the Harness to the mating plug of the Adapter Part No. 29039 from the distributor. Connecting the Ignition Control Harness: • Route the Ignition Control Harness to the coil so that its wires do not make contact with extreme heat, sharp objects or moving devises such as fans, belts and linkages. • Crimp the Ignition Control Harness RED WIRE to the slice connector on the Adapter Part No. 29039 female socket. • Crimp a spade receptacle terminal on the Ignition Control Harness YELLOW WIRE. Connect the YELLOW WIRE to the ignition coil (+) terminal. DO NOT allow any wire except the YELLOW WIRE to make contact with the coil (+) terminal. • Crimp a spade receptacle terminal on the Ignition Control Harness BLACK WIRE. Connect the BLACK WIRE to the ignition coil (–) terminal. • NOTE: Do not connect the GREEN WIRE of the Ignition Control Harness to anything. Tape the end of the wire to insulate it. • Go to Step 3, page 11. Connecting to Early Model GM HEI Systems (non-computer type) using Adapter PART NO. 29043 and Harness PART NO. 29040 for OEM magnetic pick-up. Refer to Figures 11 and 12 while performing the following steps. Connecting Adapter PART NO. 29043: For coil-in-cap distributors only • Disconnect the (RED or PINK) BAT PLUG/wire from the distributor cap. • Disconnect the tachometer wire from the TACH terminal on the distributor cap. • Disconnect the distributor plug from the distributor cap. For coil-in-cap distributors and external coil • Remove the distributor cap. • Disconnect the pickup plug from the ignition module. • Remove the ignition module, radio noise filter/capacitor and distributor plug harness. • Slide the Adapter ORANGE and YELLOW WIRES through the grommet (supplied). • Connect the Adapter ORANGE WIRE to the pickup plug’s WHITE WIRE. • Connect the Adapter YELLOW WIRE to the pickup plug’s GREEN WIRE. • Position the grommet into the slot on the edge of the distributor housing. Use cable ties and 8-32 screws to hold wires in place. • Install the distributor cap. Connecting the Harness PART NO. 29040: • Connect the HYFIRE® 6.6 Electronic Ignition Control’s SMALL GREEN WIRE to the Harness RED WIRE. • Connect the HYFIRE® 6.6 Electronic Ignition Control’s SMALL BLACK WIRE to the Harness BLACK WIRE. • Connect the mating plug of the Harness to the mating plug of the Adapter Part No. 29043 from the distributor. Connecting the Ignition Control Harness: • Route the Ignition Control Harness to the coil so that its wires do not make contact with extreme heat, sharp objects or moving devises such as fans, belts and linkages. • Crimp a spade terminal on the Ignition Control Harness RED WIRE. 9 MALLORY IGNITION www.malloryracing.com |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |