Electronic Components Datasheet Search
  English  ▼

X  

686M Datasheet(PDF) 1 Page - Mallory performance club

Part # 686M
Description  ELECTRONIC IGNITION CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

686M Datasheet(HTML) 1 Page - Mallory performance club

  686M Datasheet HTML 1Page - Mallory performance club 686M Datasheet HTML 2Page - Mallory performance club 686M Datasheet HTML 3Page - Mallory performance club 686M Datasheet HTML 4Page - Mallory performance club 686M Datasheet HTML 5Page - Mallory performance club 686M Datasheet HTML 6Page - Mallory performance club 686M Datasheet HTML 7Page - Mallory performance club 686M Datasheet HTML 8Page - Mallory performance club 686M Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HYFIRE® 6.6 SERIES OF
ELECTRONIC IGNITION CONTROL
HYFIRE® 6.6 IGNITION SYSTEM PART NO. 686M
FOR APPLICATIONS TRIGGERED BY POINTS, MALLORY ELECTRONIC IGNITION DISTRIBUTOR
(ALL MODELS), ORIGINAL EQUIPMENT ELECTRONIC IGNITION AMPLIFIERS AND MAGNETIC TRIGGER
PULSES (MAGNETIC PICKUP DISTRIBUTOR OR CRANK TRIGGER IGNITION). OPTIONAL ADAPTERS
ARE AVAILABLE FOR EASY CONNECTION TO EARLY MODEL DELCO/GM HEI SYSTEMS, LATE MODEL
GM HEI/EST SYSTEMS, FORD TFI SYSTEMS, AND OEM MAGNETIC PICKUP (NON-COMPUTER; FORD
DURASPARK, GM HEI AND MOPAR/CHRYSLER ELECTRONIC SYSTEMS).
NOTE: MALLORY HYFIRE® 6.6 ELECTRONIC IGNITION CONTROLS ARE NOT COMPATIBLE WITH
DISTRIBUTORLESS SYSTEMS OR POSITIVE GROUND APPLICATIONS. THE RPM LIMITERS IN THE
HYFIRE® 6.6 (PART NO. 686M) WILL NOT WORK PROPERLY WITH ODD-FIRE OR SEMI-EVEN FIRE V6
APPLICATIONS.
CONTENTS
General Information
2
Ignition Ballast Resistor/Loom Resistance Wire
2
Standard Ignition Bypass (Bypass Connector)
2
Ignition Coils
2
Fuel Injection
2
Spark Plug Wires
2
Spark Plug Gaps
2
Electric Welding
2
Mounting Procedure
2
Mounting to a Flat Surface Without Brackets
2
Mounting to a Flat or Uneven Surface Using Brackets 2
Mounting to a Flat Surface with Shock Mounts
2
Wiring Procedure
3
Wiring Method using Adapters and Harnesses
3
GM HEI Systems/coil-in-cap with OEM module)
4
Late Model GM HEI/EST Systems (external coil)
4
Ford TFI Systems
4
Ford DuraSpark Systems (non-computer type,
without module)
5
Early Model GM HEI Systems (non-computer type,
without module)
5
FORM 1486M 03/05
Mopar/Chrysler Corp. Electronic Systems
(non-computer type, without module)
7
Wiring Method Without Adapters
7
Mallory Electronic Ignition, UNILITE® Distributors,
Magnetic Breakerless Distributors or Electronic
Advance Distributors (3-wire/red, brown, green)
7
For OEM Electronic Systems with modules/amplifiers
(Chrysler, Ford, and import)
7
Magnetic Pickup Trigger Pulses (magnetic
pickup distributors or crank trigger ignition)
8
HYFIRE® 6.6 Ignition System Features
11
Bypass Connector
11
INSTALLATION INSTRUCTIONS
®
1
MALLORY IGNITION
www.malloryracing.com
1
HYFIRE® 6.6 Electronic Ignition Control - Part No. 686M
1
Ignition Control Harness
1
Universal Installation Hardware Kit
1
Hand Held Controller
PARTS INCLUDED IN THIS KIT:
WARNING: USE ONLY SUPPRESSION CORE STYLE SPARK PLUG WIRES WITH THE
HYFIRE® 6.6 IGNITION CONTROL.
KEEP ALL IGNITION SYSTEM WIRES AS FAR FROM SPARK PLUG WIRES AS POSSIBLE.


Similar Part No. - 686M

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
686M MALLORY-686M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
logo
Illinois Capacitor, Inc...
686MHBA04K ILLINOISCAPACITOR-686MHBA04K Datasheet
636Kb / 8P
Small size - High voltage ??High Capacitance
686MHBA04K4R ILLINOISCAPACITOR-686MHBA04K4R Datasheet
636Kb / 8P
Small size - High voltage ??High Capacitance
686MHBA04K6R ILLINOISCAPACITOR-686MHBA04K6R Datasheet
636Kb / 8P
Small size - High voltage ??High Capacitance
686MTB063KH ILLINOISCAPACITOR-686MTB063KH Datasheet
377Kb / 4P
Metallized Polyester Film Capacitors for General Purpose Applications
More results

Similar Description - 686M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79076 MOTOROLA-MC79076 Datasheet
64Kb / 2P
ELECTRONIC IGNITION CONTROL CIRCUIT
logo
Allegro MicroSystems
ULQ2460A ALLEGRO-ULQ2460A Datasheet
432Kb / 5P
ELECTRONIC IGNITION TIMING
logo
Freescale Semiconductor...
MC79076 FREESCALE-MC79076_07 Datasheet
307Kb / 13P
Electronic Ignition Control Circuit
logo
Mallory performance clu...
686M MALLORY-686M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
logo
NXP Semiconductors
79076 NXP-79076 Datasheet
522Kb / 13P
Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com