Electronic Components Datasheet Search
  English  ▼

X  

74HCT574D652 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT574D652
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT574D652 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT574D652 Datasheet HTML 1Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 2Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 3Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 4Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 5Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 6Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive
edge-trigger; 3-state
74HC/HCT574
FEATURES
• 3-state non-inverting outputs for
bus oriented applications
• 8-bit positive edge-triggered
register
• Common 3-state output enable
input
• Independent register and 3-state
buffer operation
• Output capability: bus driver
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT574 are high-speed
Si-gate CMOS devices and are pin
compatible with low power Schottky
TTL (LSTTL). They are specified in
compliance with JEDEC standard
no. 7A.
The 74HC/HCT574 are octal D-type
flip-flops featuring separate D-type
inputs for each flip-flop and
non-inverting 3-state outputs for bus
oriented applications. A clock (CP)
and an output enable (OE) input are
common to all flip-flops.
The 8 flip-flops will store the state of
their individual D-inputs that meet the
set-up and hold time requirements on
the LOW-to-HIGH CP transition.
When OE is LOW, the contents of the
8 flip-flops are available at the
outputs.
When OE is HIGH, the outputs go to
the high impedance OFF-state.
Operation of the OE input does not
affect the state of the flip-flops.
The “574” is functionally identical to
the “564”, but has non-inverting
outputs.
The “574” is functionally identical to
the “374”, but has a different pinning.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay CP to Qn
CL = 15 pF; VCC = 5 V
1415ns
fmax
maximum clock frequency
123
76
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per flip-flop
notes 1 and 2
22
25
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com