Electronic Components Datasheet Search
  English  ▼

X  

74HCT574D652 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT574D652
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT574D652 Datasheet(HTML) 7 Page - NXP Semiconductors

  74HCT574D652 Datasheet HTML 1Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 2Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 3Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 4Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 5Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 6Page - NXP Semiconductors 74HCT574D652 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
December 1990
7
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger;
3-state
74HC/HCT574
AC WAVEFORMS
Fig.6
Waveforms showing the clock input (CP)
pulse width, the CP input to output (Qn)
propagation delays, the output transition
times and the maximum clock pulse
frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the 3-state enable and
disable times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the data set-up and
hold times for Dn input to CP input.
The shaded areas indicate when the input is permitted
to change for predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com