Electronic Components Datasheet Search
  English  ▼

X  

PE4259 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE4259
Description  SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4259 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE4259 Datasheet HTML 1Page - Peregrine Semiconductor PE4259 Datasheet HTML 2Page - Peregrine Semiconductor PE4259 Datasheet HTML 3Page - Peregrine Semiconductor PE4259 Datasheet HTML 4Page - Peregrine Semiconductor PE4259 Datasheet HTML 5Page - Peregrine Semiconductor PE4259 Datasheet HTML 6Page - Peregrine Semiconductor PE4259 Datasheet HTML 7Page - Peregrine Semiconductor PE4259 Datasheet HTML 8Page - Peregrine Semiconductor PE4259 Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product Specification
PE4259
Page 2 of 9
©2010 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0134-08
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
1
2
3
4
5
6
CTRL or V
DD
RFC
CTRL
RF1
GND
RF2
pin 1
Pin
No.
Pin
Name
Description
1
RF14
RF Port1
2
GND
Ground connection. Traces should be
physically short and connected to ground
plane for best performance.
3
RF24
RF Port2
4
CTRL
Switch control input, CMOS logic level.
5
RFC4
RF Common
6
CTRL or
VDD
This pin supports two interface options:
Single-pin control mode. A nominal 3-volt
supply connection is required.
Complementary-pin control mode. A
complementary CMOS control signal
to CTRL is supplied to this pin. By-
passing on this pin is not required in
this mode.
Table 4. Absolute Maximum Ratings
Notes: 5. To maintain optimum device performance, do not exceed
Max PIN at desired operating frequency (see Figure 4).
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any DC input
-0.3
VDD+
0.3
V
TST
Storage temperature
range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
PIN
Input power (50
)
+345
dBm
VESD
ESD Voltage (HBM,
ML_STD 883 Method
3015.7)
2000
V
ESD Voltage (MM,
JEDEC, JESD22-A114-B)
100
V
Table 3. Operating Ranges
Parameter
Min
Typ
Max
Units
VDD Power Supply
Voltage
1.8
3.0
3.3
V
IDD Power Supply Current
(VDD = 3V, VCNTL = 3V)
9
20
µA
Control Voltage High
0.7x VDD
V
Control Voltage Low
0.3x VDD
V
Figure 4. Maximum Input Power
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the PE4259 in
the SC70 package is MSL1.
Note: 4. All RF pins must be DC blocked with an external series
capacitor or held at 0 VDC.
Switching Frequency
The PE4259 has a maximum 25 kHz switching rate.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com