Electronic Components Datasheet Search
  English  ▼

X  

PE4259 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE4259
Description  SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4259 Datasheet(HTML) 6 Page - Peregrine Semiconductor

  PE4259 Datasheet HTML 1Page - Peregrine Semiconductor PE4259 Datasheet HTML 2Page - Peregrine Semiconductor PE4259 Datasheet HTML 3Page - Peregrine Semiconductor PE4259 Datasheet HTML 4Page - Peregrine Semiconductor PE4259 Datasheet HTML 5Page - Peregrine Semiconductor PE4259 Datasheet HTML 6Page - Peregrine Semiconductor PE4259 Datasheet HTML 7Page - Peregrine Semiconductor PE4259 Datasheet HTML 8Page - Peregrine Semiconductor PE4259 Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Product Specification
PE4259
Page 6 of 9
©2010 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0134-08
│ UltraCMOS™ RFIC Solutions
Typical Performance Data @ VDD = 2.3V, T=25°C
Figure 11. Insertion Loss
Figure 12. Isolation – Input to Output
Figure 13. Isolation – Output to Output
Figure 14. Return Loss (Input & Output)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com