Electronic Components Datasheet Search
  English  ▼

X  

RL78L1C Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # RL78L1C
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78L1C Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button RL78L1C Datasheet HTML 65Page - Renesas Technology Corp RL78L1C Datasheet HTML 66Page - Renesas Technology Corp RL78L1C Datasheet HTML 67Page - Renesas Technology Corp RL78L1C Datasheet HTML 68Page - Renesas Technology Corp RL78L1C Datasheet HTML 69Page - Renesas Technology Corp RL78L1C Datasheet HTML 70Page - Renesas Technology Corp RL78L1C Datasheet HTML 71Page - Renesas Technology Corp RL78L1C Datasheet HTML 72Page - Renesas Technology Corp RL78L1C Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 69 of 149
Feb 21, 2014
2.5.3
USB
Note
Value of instantaneous voltage
Note
Excludes the first signal transition from the idle state.
(1)
Electrical specifications
(TA = -40 to +85 °C, 2.4 V VDD 3.6 V, VSS = 0 V, HS (High-speed main) mode only)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
UREGC
UREGC output voltage characteristic
UREGC
UVBUS = 4.0 to 5.5 V,
PXXCON = VDDUSBE = 1
3.0
3.3
3.6
V
UVBUS
UVBUS input voltage characteristic
UVBUS
Function
4.35
(4.02 Note)
5.00
5.25
V
(TA = -40 to +85 °C, 4.35 V UVBUS 5.25 V, 2.4 V VDD 3.6 V, VSS = 0 V, HS (High-speed main) mode only)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
characteristic
(FS/LS
receiver)
Input voltage
VIH
2.0
V
VIL
0.8
V
Difference input
sensitivity
VDI
| UDP voltage - UDM voltage |
0.2
V
Difference common
mode range
VCM
0.8
2.5
V
Output
characteristic
(FS driver)
Output voltage
VOH
IOH = -200
A2.8
3.6
V
VOL
IOL = 2 mA
0
0.3
V
Transition
time
Rising
tFR
Rising: From 10% to 90% of amplitude,
Falling: From 90% to 10% of amplitude,
CL = 50 pF
420
ns
Falling
tFF
420
ns
Matching (TFR/TFF)
VFRFM
90
111.1
%
Crossover voltage
VFCRS
1.3
2.0
V
Output Impedance
ZDRV
28
44
Output
characteristic
(LS driver)
Output voltage
VOH
2.8
3.6
V
VOL
00.3
V
Transition
time
Rising
tLR
Rising: From 10% to 90% of amplitude,
Falling: From 90% to 10% of amplitude,
CL = 250 pF to 750 pF
The UDP and UDM pins are individually pulled
down via 15 k
75
300
ns
Falling
tLF
75
300
ns
Matching (TFR/TFF)
Note
VLTFM
80
125
%
Crossover voltage Note
VLCRS
1.3
2.0
V
Pull-up,
Pull-down
Pull-down resistor
RPD
14.25
24.80
k
Pull-up
resistor
Idle
RPUI
0.9
1.575
k
Reception
RPUA
1.425
3.09
k
UVBUS
UVBUS pull-down
resistor
RVBUS
UVBUS voltage = 5.5 V
1000
k
UVBUS input voltage
VIH
3.20
V
VIL
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com