Electronic Components Datasheet Search
  English  ▼

X  

RL78L1C Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # RL78L1C
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78L1C Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button RL78L1C Datasheet HTML 25Page - Renesas Technology Corp RL78L1C Datasheet HTML 26Page - Renesas Technology Corp RL78L1C Datasheet HTML 27Page - Renesas Technology Corp RL78L1C Datasheet HTML 28Page - Renesas Technology Corp RL78L1C Datasheet HTML 29Page - Renesas Technology Corp RL78L1C Datasheet HTML 30Page - Renesas Technology Corp RL78L1C Datasheet HTML 31Page - Renesas Technology Corp RL78L1C Datasheet HTML 32Page - Renesas Technology Corp RL78L1C Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 29 of 149
Feb 21, 2014
Caution
P00 to P02, P10 to P12, P24 to P26, P33 to P35, and P42 to P44 do not output high level in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85 °C, 1.6 V AVDD = VDD 3.6 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output voltage, high
VOH1
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P46, P50 to P57,
P70 to P77, P80 to P83, P125 to P127,
P140 to P143
2.7 V
VDD 3.6 V,
IOH1 = -2.0 mA
VDD - 0.6
V
1.8 V
VDD 3.6 V,
IOH1 = -1.5 mA
VDD - 0.5
V
1.6 V
VDD < 3.6 V,
IOH1 = -1.0 mA
VDD - 0.5
V
VOH2
P130, P150 to P156
1.6 V
VDD 3.6 V,
IOH2 = -100
A
AVDD - 0.5
V
Output voltage, low
VOL1
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P46, P50 to P57,
P70 to P77, P80 to P83, P125 to P127,
P140 to P143
2.7 V
VDD 3.6 V,
IOL1 = 3.0 mA
0.6
V
2.7 V
VDD 3.6 V,
IOL1 = 1.5 mA
0.4
V
1.8 V
VDD 3.6 V,
IOL1 = 0.6 mA
0.4
V
1.6 V
VDD < 1.8 V,
IOL1 = 0.3 mA
0.4
V
VOL2
P130, P150 to P156
1.6 V
VDD 3.6 V,
IOL2 = 400
A
0.4
V
VOL3
P60, P61
2.7 V
VDD 3.6 V,
IOL3 = 3.0 mA
0.4
V
1.8 V
VDD 3.6 V,
IOL3 = 2.0 mA
0.4
V
1.6 V
VDD 1.8 V,
IOL3 = 1.0 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com