Electronic Components Datasheet Search
  English  ▼

X  

71239 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 71239
Description  LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

71239 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  71239 Datasheet HTML 1Page - List of Unclassifed Manufacturers 71239 Datasheet HTML 2Page - List of Unclassifed Manufacturers 71239 Datasheet HTML 3Page - List of Unclassifed Manufacturers 71239 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Safety Information
WARNING: ONLY QUALIFIED PERSONNEL SHOULD PERFORM INSTALLATION.
TO AVOID ELECTRICAL SHOCK OR COMPONENT DAMAGE, DISCONNECT POWER BEFORE ATTEMPTING
INSTALLATION OF THE POWER SUPPLIES AND/OR MODULES.
Failure to install the power supplies and/or LED modules in accordance with the National Electric Code (NEC), all applicable Federal, State and local
electric codes as well as the specific Underwriter’s Laboratories (UL) safety standards for the installation, location and application may cause serious
personal injury, death, property damage and/or product malfunction.
These instructions are guidelines for installation of SYLVANIA LED modules and power supplies. Installation requirements may vary depending on the
application. Licensed electricians should provide all installation services for connection of both primary and secondary (input/output) of the power
supplies.
Item Number
Ordering Description
Length (in.)
Width (in.)
Wire Length (in.)
70269
LM2PINFLEXCONN
0.48
0.65
19.69
70263
LM2CONN5FLEXCONNBB
1.4
0.65
0.39
71236
LINEARlight Track 1.6P
18
–
71237
LINEARlight Track 4.6P
56
–
71238
LINEARlight Track 1.6D
18
–
71239
LINEARlight Track 4.6D
56
–
Accessories
Wiring Diagram
Assembly Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com