Electronic Components Datasheet Search
  English  ▼

X  

71239 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 71239
Description  LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

71239 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  71239 Datasheet HTML 1Page - List of Unclassifed Manufacturers 71239 Datasheet HTML 2Page - List of Unclassifed Manufacturers 71239 Datasheet HTML 3Page - List of Unclassifed Manufacturers 71239 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Linear LED strip on flexible print-
ed circuit board with self-adhe-
sive back for easy installation!
Contour configurations and three
dimensional assembly possible.
OSRAM Power TOPLED® delivers
high luminous flux
Size of entire module (LxWxH)
27.5ft x 0.4 in. x 0.12 in.
Conveniently field cut with scis-
sors (smallest unit–10LEDs/5.5")
•
•
•
•
•
Long life: Up to 100,000 hours
depending on color. White mod-
ules service life is up to 50,000
hours when Tc point is main-
tained at or below 40°C.
Available in various colors: red,
true green, blue, yellow and white
Optimal operation with OPTO-
TRONIC 24Vdc power supplies
120° beam angle
Minimal heat generation
•
•
•
•
•
LINEARlight FLEX modules pair the diminutive size of LEDs with a
flexible printed circuit board to achieve a high degree of configura-
tion. These modules are ideally suited to match simple contours and
complex three dimensional assembly requirements. These modules
are ideal for edge lighting transparent and diffuse materials. They are
mounted on self-adhesive tape and can be conveniently field-cut.
LINEARlight FLEX TOPLED is optimally paired with OPTOTRONIC®
24Vdc power supplies.
Ordering Description
Wattage (W)
Color
LNRFLXTP/LM10A/W3F-727 27.5 FT
86.4
2700K
LNRFLXTP/LM10A/W2-847 27.5 FT
86.4
4700K
LNRFLXTP/LM10A/W3F-854 27.5 FT
86.4
5400K
LNRFLXTP/LM10A/W2-854 27.5 FT
86.4
5400K
LNRFLXTP/LM10A/W2-865 27.5 FT
86.4
6500K
LNRFLXTP/617/LM10A/A1 27.5 FT
72
Amber Red
LNRFLXTP/587/LM10A/Y1 27.5 FT
72
Yellow
LNRFLXTP/525/LM10A/T1 27.5 FT
72
True Green
LNRFLXTP/470/LM10A/B1 27.5 FT
72
Blue
Applications
Cove lighting
Edge lighting transparent/diffuse materials
Border lighting
Commercial signs
Emergency/Rescue signs
Path and contour marking
Backlighting complex contours
Refrigeration cases
Display shelves
Recessed lighting
Application Information
LINEARlight FLEX TOPLED®
Flexible White or Colored LED Strips
www.sylvania.com
Key Features & Benefits
Product Offering
LED011R7 5/08


Similar Part No. - 71239

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7123 ETC1-7123 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Connor-Winfield Corpora...
7123-050.0M CONNOR-WINFIELD-7123-050.0M Datasheet
168Kb / 2P
3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
7123-3010 ETC2-7123-3010 Datasheet
870Kb / 1P
1P 305 FEMALE HOUSING
7123-3010-10 ETC2-7123-3010-10 Datasheet
870Kb / 1P
1P 305 FEMALE HOUSING
7123-3010-30 ETC2-7123-3010-30 Datasheet
870Kb / 1P
1P 305 FEMALE HOUSING
More results

Similar Description - 71239

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LWT676 SIEMENS-LWT676 Datasheet
77Kb / 7P
Hyper TOPLED White LED
logo
Gilway Technical Lamp
GTL-OS-70061 GILWAY-GTL-OS-70061 Datasheet
488Kb / 4P
Product Information Bulletin LINEARlight FLEX TOPLED Flexible LED Strip
GTL-OS-70066 GILWAY-GTL-OS-70066 Datasheet
484Kb / 4P
Product Information Bulletin LINEARlight FLEX SIDELED Flexible LED Strip
logo
Marktech Corporate
LM1-PWN-01-N1 MARKTECH-LM1-PWN-01-N1 Datasheet
58Kb / 2P
Ultra Bright White TOPLED LED
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
LINEARlight Flex
70138 OSRAM-70138 Datasheet
312Kb / 4P
LINEARlight POWER FLEX Flexible High Light Output LED Modules
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
LINEARlight Flex
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
LINEARlight POWER Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com