Electronic Components Datasheet Search
  English  ▼

X  

LR1148 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1148
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1148 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1148 Datasheet HTML 1Page - Unisonic Technologies LR1148 Datasheet HTML 2Page - Unisonic Technologies LR1148 Datasheet HTML 3Page - Unisonic Technologies LR1148 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LR1148
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-A74.a
PIN CONFIGURATION
3
2
1
4
5
EN
GND
VIN
VOUT
ADJ
PIN DESCRIPTION
PIN NAME
DESCRIPTION
VIN
Power Input Voltage. Supply voltage can range from 2.3V to 6V. Bypass with a 1µF capacitor to
GND.
GND
Ground
EN
Active-Low Shutdown Input. A logic low at EN reduces supply current to 0.01µA. Connect EN to
VIN for normal operation.
VOUT
Output Voltage
ADJ
Voltage-adjust Input. Connect ADJ to GND for preset output. Connect an external resistive
voltage-divider from VOUT to ADJ to set the output voltage between 0.8V and 5V.
BLOCK DIAGRAM
SHDN
VREF
OFF
ON
100mV
GND
ADJ
VOUT
EN
VIN
+
-
ERR AMP
+
-
Current Limit
Thermal
Sensor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com