Electronic Components Datasheet Search
  English  ▼

X  

LR1148 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR1148
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1148 Datasheet(HTML) 3 Page - Unisonic Technologies

  LR1148 Datasheet HTML 1Page - Unisonic Technologies LR1148 Datasheet HTML 2Page - Unisonic Technologies LR1148 Datasheet HTML 3Page - Unisonic Technologies LR1148 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LR1148
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-A74.a
ABSOLUTE MAXIMUM RATING (TA=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6.5
V
Power Dissipation
PD
360
mW
Junction Temperature
TJ
+125
°С
Ambient Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
260
C/W
Junction to Case
θJC
81
C/W
ELECTRICAL CHARACTERISTICS
(CIN = 1µF, COUT =1µF, TA= 25°C, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage(Note 2)
VIN
2.3
6
V
Output Voltage Accuracy
(Preset Mode)
VOUT
TA=25°С , IOUT= 1mA ~0.6A
-2
2
%
TA=0~85°С, IOUT= 1mA~0.6A
-3
3
%
Maximum Output Current
IOUT
600
mA
Short-Circuit Current Limit
ILIMIT
VOUT=0V
1
A
Ground Pin Current
IGND
IOUT = 0mA
70
µA
IOUT= 1mA to 600mA
80
µA
Dropout Voltage (Note3)
VD
IOUT=600mA
VOUT(NOM)<=1.8V
500
1200
mV
1.8V<VOUT(NOM)
200
450
Line Regulation (Note4)
OUT
IN
OUT
V
×
∆V
∆V
VIN=VOUT+VD~6V
0.08
0.55
%/V
Load Regulation(Note4,5)
∆VOUT
VIN=VOUT+VD,
IOUT=10mA~600mA
0.25
1.0
%
Output Voltage Noise
eN
f=10Hz to100kHz, CBP=0.1nF
24
µVRM
S
Shutdown Supply Current
IOFF
EN=GND
0.01
5
µA
Shutdown Threshold
VIH
2
V
VIL
0.4
V
Thermal Shutdown Temperature
TSHDN
170
°С
Thermal Shutdown Hysteresis
DTSHDN
20
°С
ADJ Voltage
VREF
Measured on ADJ, IOUT =10mA
0.774
0.8
0.826
V
ADJ Mode Threshold
100
mV
Adjustable Output Voltage
0.8
5
V
Note: 1. Specifications are production tested at TA=25°C. Pecifications over the -40°C to 85°C operating temperature
range are assured by design, characterization and correlation with Statistical Quality Controls(SQC).
2. The minimum operating value for VIN is equal to either [VOUT(NOM)+VD] or 2.3V,whichever is greater
3. Dropout voltage is defined as the voltage from the input to output when output is 2% below the nominal
value.
4. Output voltage line regulation is defined as the change in output voltage from the nominal value resulting
from a change in the input line voltage. Output voltage load regulation is defined as the change in output
voltage from the nominal value as the load current increases from no load to full load.
5. Regulation is measured at constant junction temperature by using a 20ms current pulse. Devices are tested
for load regulation in the load range from 10mA to 600mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com