Electronic Components Datasheet Search
  English  ▼

X  

LR9270 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR9270
Description  800mA LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9270 Datasheet(HTML) 4 Page - Unisonic Technologies

  LR9270 Datasheet HTML 1Page - Unisonic Technologies LR9270 Datasheet HTML 2Page - Unisonic Technologies LR9270 Datasheet HTML 3Page - Unisonic Technologies LR9270 Datasheet HTML 4Page - Unisonic Technologies LR9270 Datasheet HTML 5Page - Unisonic Technologies LR9270 Datasheet HTML 6Page - Unisonic Technologies LR9270 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LR9270
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-A62.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
7.0
V
Input Voltage( CE or CE Input Pin)
VCE
-0.3~VIN+0.3
V
Output Voltage
VOUT
-0.3~VIN+0.3
V
Output Current
IOUT
1.2
A
Power Dissipation
PD
Internally limited
Operating Temperature
TOPT
-40~85
°C
Storage Temperature
TSTG
-55~125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
LR9270L-xx
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
6.0
V
Supply Current1
ISS1
VIN-VOUT=1.0V, VCE=GND
80
160
µA
Standby Current
ISTB
VIN=VCE=6.0V
0.1
1.0
µA
Output Voltage
VOUT
VIN-VOUT=1.0V, IOUT=100mA
x0.98
x1.02
V
Output Current
IOUT1
VIN-VOUT=1.0V
800
mA
Load Regulation
∆VOUT/∆IOUT VIN-VOUT=1.0V, 1mA≤IOUT≤300mA
30
100
mV
Dropout Voltage
VDIF
IOUT=300mA
VOUT=1.5
0.35
0.45
V
VOUT=1.6
0.30
0.35
V
VOUT=1.7
0.25
0.30
V
VOUT=1.8≤VOUT≤2.0
0.20
0.25
V
VOUT=2.1≤VOUT≤2.4
0.15
0.20
V
VOUT=2.5≤VOUT≤4.0
0.12
0.18
V
Line Regulation
∆VOUT/∆VIN IOUT=100mA, VOUT+0.5V≤VIN≤8.0V
0.05
0.30
%/V
Ripple Rejection
RR
f=1kHz,Ripple 0.5VP-P,VIN-VOUT=1.0V
50
dB
Output Voltage
Temperature Coefficient
∆VOUT/∆T
IOUT=10mA, -40°C ≤ TA ≤ 85°C
±100
ppm
/°C
Short Current Limit
ILIM
VOUT=0V
40
mA
Pull-up resistance for CE pin
RPU
1.25
2.50
5.00
MΩ
CE Input Voltage “H”
VCEH
1.50
V
CE Input Voltage “L”
VCEL
0.25
V
Thermal Shutdown Detector
Threshold Temperature
TTSD
Junction Temperature
150
°C
Thermal Shutdown Released
Temperature
TTSR
Junction Temperature
120
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com