Electronic Components Datasheet Search
  English  ▼

X  

LR9270 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9270
Description  800mA LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9270 Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9270 Datasheet HTML 1Page - Unisonic Technologies LR9270 Datasheet HTML 2Page - Unisonic Technologies LR9270 Datasheet HTML 3Page - Unisonic Technologies LR9270 Datasheet HTML 4Page - Unisonic Technologies LR9270 Datasheet HTML 5Page - Unisonic Technologies LR9270 Datasheet HTML 6Page - Unisonic Technologies LR9270 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9270
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A62.a
800mA LDO REGULATOR
DESCRIPTION
The UTC LR9270 is a typical LDO (linear regulator) with the
features of high output voltage accuracy, low supply current, low
ON-resistance, and high ripple rejection.
During operation of the UTC LR9270, the dropout voltage is
very low and the response of line transient and load transient are
very well.
Internally, there’re many functions of UTC LR9270 which can be
seen in the block figure. There are a voltage reference unit, an error
amplifier, resistor-net for voltage setting, a current limit circuit, and
a chip enable circuit in each UTC LR9270.
The UTC LR9270 can be used as an ideal of the power supply
for hand-held communication equipment, such as: power source for
portable communication equipment, power source for electrical
appliances, for example, cameras, VCRs and camcorders and
power source for battery-powered equipment.
FEATURES
* Low standby current
* Ultra-Low supply current
* Output voltage (stepwise setting with a step of 0.1V in the range
of 1.2V~4.0V)
* Output current (MIN=800mA@VIN=VOUT+1.0V)
* Low dropout voltage
* Line regulation
* High output voltage accuracy
* Low temperature-drift coefficient of output voltage
* Built-in thermal shunt circuit
* Built-in current limit circuit
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LR9270xL-xx-AB5-R
LR9270xG-xx-AB5-R
SOT-89-5
Tape Reel
LR9270xL-xx-AF5-R
LR9270xG-xx-AF5-R
SOT-25
Tape Reel
(1) T: Tube, R: Tape Reel
(2) AB5: SOT-89-5, AF5: SOT-25
(3) xx: refer to Marking Information
(4) L: Lead Free, G: Halogen Free
(5) H: High, L: Low
LR9270xL-xx-AB5-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(4)Lead Free
(5)Enable Threshold Level


Similar Part No. - LR9270

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9270 UTC-LR9270 Datasheet
232Kb / 7P
800mA LDO REGULATOR
LR9270HG-12-AB5-R UTC-LR9270HG-12-AB5-R Datasheet
232Kb / 7P
800mA LDO REGULATOR
LR9270HG-12-AE5-R UTC-LR9270HG-12-AE5-R Datasheet
232Kb / 7P
800mA LDO REGULATOR
LR9270HG-12-AF5-R UTC-LR9270HG-12-AF5-R Datasheet
232Kb / 7P
800mA LDO REGULATOR
LR9270HG-18-AB5-R UTC-LR9270HG-18-AB5-R Datasheet
232Kb / 7P
800mA LDO REGULATOR
More results

Similar Description - LR9270

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
800mA LDO REGULATOR????
Rev. 1.10
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
CMOS 800mA LDO voltage regulator
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
800MA LDO REGULATOR
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
800mA LDO REGULATOR
April 1, 2012
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
800mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
800mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
800mA LDO Regulator IC
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
800mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com