Electronic Components Datasheet Search
  English  ▼

X  

MJE13009 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # MJE13009
Description  SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13009 Datasheet(HTML) 7 Page - Unisonic Technologies

  MJE13009 Datasheet HTML 1Page - Unisonic Technologies MJE13009 Datasheet HTML 2Page - Unisonic Technologies MJE13009 Datasheet HTML 3Page - Unisonic Technologies MJE13009 Datasheet HTML 4Page - Unisonic Technologies MJE13009 Datasheet HTML 5Page - Unisonic Technologies MJE13009 Datasheet HTML 6Page - Unisonic Technologies MJE13009 Datasheet HTML 7Page - Unisonic Technologies MJE13009 Datasheet HTML 8Page - Unisonic Technologies MJE13009 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MJE13009
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
7 of 9
www.unisonic.com.tw
QW-R203-024,F
TYPICAL CHARATERISTICS
160
Fig. 3 Forward Bias Power Derating
0
0.6
Case Temperature, TC (°C)
140
20
40
100
0.4
80
0.8
Thermal
Derating
Second Breakdown
Derating
60
120
1
0.2
There are two limitations on the power handling ability of a
transistor: average junction temperature and second breakdown.
Safe operating area curves indicate IC -VCE limits of the transistor
that must be observed for reliable operation; i.e., the transistor
must not be subjected to greater dissipation than the curves
indicate.
The data of Fig. 1 is based on TC=25°C; TJ(PK) is variable
depending on power level. Second breakdown pulse limits are
valid for duty cycles to 10% but must be derated when TC ≥ 25°C.
Second breakdown limitations do not derate the same as thermal
limitations. Allowable current at the voltages shown on Fig. 1 may
be found at any case temperature by using the appropriate curve
on Fig. 3.
TJ(PK) may be calculated from the data in Fig. 4. At high
case temperatures, thermal limitations will reduce the power
that can be handled to values less than the limitations imposed
by second breakdown. Use of reverse biased safe operating
area data (Fig. 2) is discussed in the applications information
section.
2
Fig. 4 Typical Thermal Response [ZθJC(t)]
0.01
0.2
Time, t (ms)
1
0.05
0.3
0.01
0.02
0.2
0.7
0.07
0.1
0.5
0.1
D = 0.5
0.05
0.05
5
0.5
1
0.03
0.02
0.1
0.2
10
20
50
100
200
500
1.0k
Single Pulse
0.02
0.01
t2
t1
Duty Cycle, D = t1/t2
P(PK)
ZθJC(t) = r(t) θJC
θJC = 1.25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(PK) – TC = P(PK) ZθJC(t)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com