Electronic Components Datasheet Search
  English  ▼

X  

TFA107S Datasheet(PDF) 2 Page - Sanken electric

Part # TFA107S
Description  Reverse Blocking Triode Thyristor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TFA107S Datasheet(HTML) 2 Page - Sanken electric

  TFA107S Datasheet HTML 1Page - Sanken electric TFA107S Datasheet HTML 2Page - Sanken electric TFA107S Datasheet HTML 3Page - Sanken electric TFA107S Datasheet HTML 4Page - Sanken electric TFA107S Datasheet HTML 5Page - Sanken electric TFA107S Datasheet HTML 6Page - Sanken electric TFA107S Datasheet HTML 7Page - Sanken electric TFA107S Datasheet HTML 8Page - Sanken electric TFA107S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Reverse Blocking Triode Thyristor
TFA10x
Series
2
K
A
G
Pin-out Diagram
Thermal Characteristics May require derating at maximum conditions
Characteristic
Symbol
Test Conditions
Value
Units
Package Thermal Resistance
(Junction to Case)
RθJC
For AC
3.4
ºC/W
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
12 3
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Peak Repetitive Off-State Voltage
VDRM
TFA107x
TJ = –40°C to 150°C, RGREF = 1 kΩ
700
V
TFA108x
800
V
Isolation Voltage
VISO
AC RMS applied for 1 minute between lead and case
1800
V
Average On-State Current
IT(AV)
50 Hz half cycle sine wave, Conduction angle (
α) = 180°,
continuous operation, TC = 86°C
10.0
A
RMS On-State Current
IT(RMS)
15.7
A
Surge On-State Current
ITSM
f = 60 Hz
Half cycle sine wave, single, non-repetitive
176
A
f = 50 Hz
160
A
I2t Value for Fusing
I2t
Value for 50 Hz half cycle sine wave, 1 cycle, ITSM = 160 A
128
A2• s
Critical Rising Rate of On-State Current
di/dt
IT = IT(RMS) ×
π, VD = VDRM × 0.5, f ≤ 60 Hz, tgw ≥ 10 μs, tgr ≤ 250
ns, igp ≥ 30 mA (refer to Gate Trigger Circuit diagram)
50
A/μs
Peak Forward Gate Current
IFGM
f ≥ 50 Hz, duty cycle ≤ 10%
2.0
A
Peak Forward Gate Voltage
VFGM
f ≥ 50 Hz, duty cycle ≤ 10%
10
V
Peak Reverse Gate Current
VRGM
f ≥ 50 Hz
5.0
V
Peak Gate Power Dissipation
PGM
f ≥ 50 Hz, duty cycle ≤ 10%
5.0
W
Average Gate Power Dissipation
PGM(AV)
TJ < TJ(max)
0.5
W
Junction Temperature
TJ
–40 to 150
ºC
Storage Temperature
Tstg
–40 to 150
ºC
Selection Guide
Part Number
VDRM
(V)
UL-Recognized
Component
Package
Packing
TFA107(I)
700
Yes
3-pin fully molded SIP with
heatsink mount
50 pieces per tube
TFA107S
700
–
TFA108(I)
800
Yes
TFA108S
800
–
Terminal List Table
Number
Name
Function
1K
Cathode terminal
2
A
Anode terminal
3
G
Gate control
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com