Electronic Components Datasheet Search
  English  ▼

X  

TFA107S Datasheet(PDF) 3 Page - Sanken electric

Part # TFA107S
Description  Reverse Blocking Triode Thyristor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TFA107S Datasheet(HTML) 3 Page - Sanken electric

  TFA107S Datasheet HTML 1Page - Sanken electric TFA107S Datasheet HTML 2Page - Sanken electric TFA107S Datasheet HTML 3Page - Sanken electric TFA107S Datasheet HTML 4Page - Sanken electric TFA107S Datasheet HTML 5Page - Sanken electric TFA107S Datasheet HTML 6Page - Sanken electric TFA107S Datasheet HTML 7Page - Sanken electric TFA107S Datasheet HTML 8Page - Sanken electric TFA107S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Reverse Blocking Triode Thyristor
TFA10x
Series
3
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Off-State Leakage Current
IDRM
VD = VDRM, TJ = 150°C, RGREF = 1 kΩ
–
–
2.0
mA
Reverse Leakage Current
IRRM
VD = VDRM, TJ = 150°C, RGREF = 1 kΩ
–
–
2.0
mA
On-State Voltage
VTM
ITM = 20 A, TC = 25°C
–
–
1.35
V
Gate Trigger Voltage
VGT
VD = 6 V, RL = 10 Ω, TC = 25°C
–
–
1.0
V
Gate Trigger Current
IGT
VD = 6 V, RL = 10 Ω, TC = 25°C
–
7
15
mA
Gate Non-trigger Voltage
VGD
VD = VDRM × 0.5, RGREF = 1 kΩ, TJ = 125°C
0.2
–
–
V
Holding Current
IH
RGREF = 1 kΩ, TJ = 25°C
–
20
–
mA
Critical Rising Rate of
Off-State Voltage
dv/dt
VD = VDRM × 0.5, TJ = 125°C, RGREF = 1 kΩ,
CGREF = 0.033 μF
–
300
–
V/μs
Test Circuit 1
Voltage-Current Characteristic
Gate Trigger Current
R
GREF
C
GREF
G
K
A
tgr
tgw
igp
IF
IR
VR
VF
VDRM
VRRM
IRRM
IDRM
VTM
VTM
(On state)
(Off state)
ITM
IH
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com