Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RL78
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 3Page - Renesas Technology Corp RL78 Datasheet HTML 4Page - Renesas Technology Corp RL78 Datasheet HTML 5Page - Renesas Technology Corp RL78 Datasheet HTML 6Page - Renesas Technology Corp RL78 Datasheet HTML 7Page - Renesas Technology Corp RL78 Datasheet HTML 8Page - Renesas Technology Corp RL78 Datasheet HTML 9Page - Renesas Technology Corp RL78 Datasheet HTML 10Page - Renesas Technology Corp RL78 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
RL78 Family
Chapter 1
Overview
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 7 of 53
Mar. 28, 2014
Chapter 1 Overview
1.1
Outline
EEPROM emulation is a feature used to store data in the on-board flash memory in the same way as EEPROM.
During EEPROM emulation, the Data Flash library and EEPROM emulation library are used, and the data flash
memory is written to and read from.
The Data Flash library is a software library used to perform operations on the data flash memory. The EEPROM
emulation library is a software library used to execute EEPROM emulation from a user-created program. The Data
Flash library and EEPROM emulation library are placed in the code flash memory for use.
The EEPROM emulation library is free software to rewrite the data flash through the user program.
In this user’s manual, processing of the EEPROM emulation library includes processing of the Data Flash library.
Be sure to use this user’s manual together with the release note supplied with the package of this EEPROM
emulation library and the user’s manual for the target device.
1.2
Target Devices
For the latest device information, please contact our distributors or sales representatives.
1.3
Definition of Terms
The terms used in this manual are defined below.
• Pack
"Pack" is an identification name representing an EEPROM emulation library type. Use the pack corresponding to
your device.
• EEL
An abbreviation of the EEPROM Emulation library.
In this user’s manual, the RL78 EEPROM emulation library Pack02 is hereafter referred to as EEL.
• FDL
An abbreviation of the Data Flash library.
• FSL
An abbreviation of the Flash Self Programming library.
• EEL function
A generic term for the functions offered by the EEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com