Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # RL78
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 10Page - Renesas Technology Corp RL78 Datasheet HTML 11Page - Renesas Technology Corp RL78 Datasheet HTML 12Page - Renesas Technology Corp RL78 Datasheet HTML 13Page - Renesas Technology Corp RL78 Datasheet HTML 14Page - Renesas Technology Corp RL78 Datasheet HTML 15Page - Renesas Technology Corp RL78 Datasheet HTML 16Page - Renesas Technology Corp RL78 Datasheet HTML 17Page - Renesas Technology Corp RL78 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
RL78 Family
Chapter 2
EEPROM Emulation
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 14 of 53
Mar. 28, 2014
Between reference area and data area, there is an erased area. With each EEL data update (i.e. the data is
written), this area is reduced successively. However, at least two bytes of space always remain between reference
area and data area for management and separation of these areas. This is indicated by the separator in Figure 2-4.
The EEL block header is detailed in 2.3.4, EEL Block Header, while the structure of data stored in the reference
and data area are described in Section 2.3.5, Structure of Stored Data.
2. 3. 4
EEL Block Header
The structure of the block header is depicted in Figure 2-5. It is composed of eight bytes, four of which are
reserved for the system.
Figure 2-5
Structure of EEL block header
The block status flags start at the beginning of the block and include the A flag, B flag, I flag, and X flag, each of
which is one byte, for a total of 4 bytes of data. The combination of flags indicates the EEL block status.
Figure 2-5 shows the placement status of flags, and Table 2-3 shows the combination status of flags.
Table 2-3
Overviews of Block Status Flags
Block Status Flag
State
Description
A Flag
B Flag
I Flag
X Flag
0x01
0xFE
0xFF
0xFF
Active
Currently used block
After the EEL_CMD_REFRESH command is executed,
the A flag of a new active block is set to 0x02.
0x02
0xFD
0xFF
0xFF
Currently used block
After the EEL_CMD_REFRESH command is executed,
the A flag of a new active block is set to 0x03.
0x03
0xFC
0xFF
0xFF
Currently used block
After the EEL_CMD_REFRESH command is executed,
the A flag of a new active block is set to 0x01.
Data other than
the above
0xFF
0xFF
Invalid
Invalid block
--
other
than
0xFF
0xFF
--
--
other
than
0xFF
Excluded
Excluded block
N
Reserved
0x00
0x00
Reserved
0xFF - N
A
-
X
I
B
-
Reserved
-
Reserved
-
0x0000
0x0001
0x0002
0x0003
0x0004
0x0005
0x0006
0x0007
relative byte
index within
block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com