Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RL78
Description  E1 Emulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RL78 Datasheet HTML 1Page - Renesas Technology Corp RL78 Datasheet HTML 2Page - Renesas Technology Corp RL78 Datasheet HTML 3Page - Renesas Technology Corp RL78 Datasheet HTML 4Page - Renesas Technology Corp RL78 Datasheet HTML 5Page - Renesas Technology Corp RL78 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
On-chip Debuggers Performance Property
E10A-USB Emulator
◆As for debugging function information of other emulators, visit each product's page from the following URL.
http://www.renesas.com/emulator_lineups
■E10A-USB(HS0005KCU01H/HS0005KCU02H) Debugging Function - Continued-
Family
Series/ Core
Group
Hardware Break
Software
Break
Internal Trace
AUD Trace
H8S/2168
H8S/2153
H8S/2164
H8S/2117
H8S/2117R
H8S/2125
H8S/2116
H8S/2113
H8S/2112
H8S/2112R
Address break : 6 points
+
Address/Data condition break : 2 points
4 branch sources
H8S/2189R
H8S/2114R
Address break : 6 points
+
Address/Data condition break : 2 points
4 branch sources
or
Bus trace : 512 cycles
■E10A-USB(HS0005KCU01H/HS0005KCU02H + Debug MCU Board) Debugging Function
Family
Series/ Core
Group
Hardware Break
Software
Break
Internal Trace
AUD Trace
SH-4A
SH7456
SH7455
SH7451
SH7450
Address/Data/R/W/Execution-count
condition break : 2 points
+
Address/R/W condition break : 4 points
+
Data/R/W condition break : 2 points
+
System bus condition break : 2 points
* Sequential breaks are specifiable.
Supported
No Mode
8 branches ◎
Up to 64K events *1
(Up to 32K of branch
information
can be acquired when
branch trace is the only target)
◎
SH-2
SH7125
SH7124
Address break : 8 points
+
Address/Data/R/W/Execution-count
condition break : 1 point
+
Address/Data/R/W condition break : 1 point
* Available to specify the sequential break
Supported
No Mode
1000 cycles
Select the target one from
Address/Data/Status/
Time stamp bus.
Up to 64K events *1
(Up to 32K of branch
information
can be acquired when
branch trace is the only target.)
◎
H8S
H8S/2400
H8S/2456R
H8S/2456
H8S/2454
H8S/2426R
H8S/2426
H8S/2424
Address break : 6 points
+
Address/Data condition break : 2 points
Not supported
Supported
4 branch sources
or
Bus trace : 1024 cycles
Not supported
■E10A-USB(HS0005KCU14H) Debugging Function
Family
Series/ Core
Group
Hardware Break
Software
Break
Internal Trace
AUD Trace
SH-4A
(Multi-core MCU)
SH7786
60 sets of branch sources
and destinations
SH-2A
(Multi-core MCU)
SH7205
SH7265
1024 cycles
(When acquiring trace info
by core in MCU,
512 cycles respectively.)
Note:
*1. Not usable with HS0005KCU01H.
◎ Acquirable trace information: Branch, Memory access within the specified range, and Software trace (Trace(x): variable x).
◎ Acquirable trace acquisition information: Branch, Memory access, and General register. (Conditions are settable by each CPU.)
SuperH
10 points
(Using UBC module)
Supported
Break Function
Performance
Measurement
Function
Target MCU
255 points
(for each core
in MCU)
Performance
Measurement
Function
Trace Function
Target MCU
Break Function
SuperH
255 points
Trace Function
255 points
Target MCU
Break Function
Performance
Measurement
Function
Invalid External extension Mode
of Embedded ROM
H8S/2100
No Mode
Notes:
*1. Not usable with HS0005KCU01H.
*2. Not usable with HS0005KCU01H. While using RAM monitor function with HS0005KCU02H, no trace information can be acquired.
*3. Supported only by H8SX/1651.
*4. Only H8S/2319EF is supported.
*5. Only H8S/2339EF is supported.
*6. Only H8S/2329EF is supported.
*7. Only H8S/2215R and H8S/2215T are supported.
* The information provided only applies to MCUs where we have been able to confirm the specifications of the
emulator. This includes MCUs and emulator software that are under development. For more information on
support for these items as it becomes available, check our website at:
http://www.renesas.com/e10a_usb/devices
H8S
Not supported
No Mode
Invalid External extension Mode
of Embedded ROM
Invalid External extension Mode
of Embedded ROM
Not supported
Trace Function
Up to 128K events
(Up to 64K of branch
information
can be acquired when
branch trace is the only target)
◎
On-chip Debuggers Performance Property - page 5
★ New product ★★ Under development ☆ In planning
Renesas general tools catalog (Sep 2013)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com