Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RL78
Description  E1 Emulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RL78 Datasheet HTML 1Page - Renesas Technology Corp RL78 Datasheet HTML 2Page - Renesas Technology Corp RL78 Datasheet HTML 3Page - Renesas Technology Corp RL78 Datasheet HTML 4Page - Renesas Technology Corp RL78 Datasheet HTML 5Page - Renesas Technology Corp RL78 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
On-chip Debuggers Performance Property
E20 Emulator
◆As for debugging function information of other emulators, visit each product's page from the following URL.
http://www.renesas.com/emulator_lineups
■E20 Debugging Function
Family
Series/Core
Group
Software Break
Special
Break
Internal trace
External Trace
RH850
RH850/F1x
RH850/F1L
LPD4-pin
or
LPD1-pin
Not settable for
ROM area
2000 points for
RAM area
Between 2K and 4K of
branch info can be acquired
when this is the only target
or
Between 1K and 2K of
cycle info on data-access
operation can be acquired
when this is the only target
Not supported
Supported
RL78/D1x
RL78/D1A
RL78/F12
RL78/F13
RL78/F14
Obtains the information of
up to 128 branches
(only branch-source info);
the obtainable info is
limited to 64 branches
on some MCUs.
Supported
RL78/G10
Not supported
Not supported
RL78/G14 (ROM:
96KByte and
more)
Obtains the information of
up to 256 branches
(only branch-source info)
RL78/G12
RL78/G13
RL78/G14 (ROM:
64KByte and
less)
RL78/G1A
RL78/G1C
RL78/I1A
RL78/L12
RL78/L13
Not supported
RL78/L1C
Obtains the information of
up to 256 branches
(only branch-source info)
RX64M
JTAG
or
Single-wire Serial
Obtains the information of
up to 256 branches
or
the information of
up to 256 cycles
on data-access operation
(DMAC or DTC bus is
selectable as a bus master)
Obtains the information of
approx. 2M branches
or
the information of
approx. 2M cycles
on data access operation
(DMAC or DTC bus is
selectable as a bus master)
Supported
Others than
RX64M
JTAG
or
double-wire Serial *4
(clock and data)
Obtains the information of
up to 256 branches
or
the information of
up to 256 cycles
on data-access operation
Obtains the information of
approx. 2M branches
or
the information of
approx. 2M cycles
on data access operation
Obtains the information of
up to 64 branches
or
the information of
up to 64 cycles
on data-access operation
*3
Obtains the information of
up to 32 branches
or
the information of
up to 32 cycles
on data-access operation
JTAG,
double-wire or
4-wire Serial
(data×2, clock
and handshake)
4 points for ROM
area
2000 points for RAM
area
[When using JTAG I/F]
Before-execution:
4 points
After-execution:
8 points
Access: 6 points
[When using Serial I/F]
Before-execution:
4 points
After-execution:
Not supported
Access: 4 points
2000 points
Not supported
Not supported
2000 points
Not supported
Not supported
R8C/3xT-A
R8C/3x
Notes:
*1. V850E2/ME3 and V850E/ME2 cannot be used with the E1 emulator. Use the MINICUBE for them.
*2. The number of break points varies by the integrated development environment you use.
*3. For RX220 group, the information of 32 branches or the information of 32 cycles on data-access operation is
obtained.
*4. The debugging function and connection system vary by the MCU you use.
*5. Available only when the emulator is connected via JTAG interface.
* The information provided only applies to MCUs where we have been able to confirm the specifications of the emulator.
This includes MCUs and emulator software that are under development. For more information on support for these items as it becomes available,
check our website at: http://www.renesas.com/e20/devices
Not
supported
78K0
1 point for a before-execution break
(only when software breaks are not used)
+
1 point for an access break
R8C
Single-wire Serial
8 points for an address break
+
2 points for a data condition break
* Sequential breaks are specifiable.
256 points
at the max
Obtains the information
of 4 branches
(sum of the branch-source
and branch-destination PC)
or
the information
of up to 8 cycles
of specified data access
Not supported
R8C/5x
Not supported
Not
supported;
the time
b/w Go and
Stop is
measurable.
V850E2M
V850E2S
Nexus
or
Single-wire Serial
8 points for ROM
area
2000 points for RAM
area
R8C/Lx
Supported
* Sequential breaks are specifiable.
78K0R
double-wire Serial
(clock and data)
1 point being shared by
an execution address and data access
Supported
*5
8 points for an execution address
+
4 points for a data access
* Sequential breaks are specifiable.
Not
supported
RX200
Single-wire Serial
4 points for an execution address
+
2 points for a data access
* Sequential breaks are specifiable.
Not supported
Not
supported
Not
supported
RX100
RX
RX600
8 points for an execution address
+
4 points for a data access
(DMAC or DTC bus is selectable as a bus
master)
* Sequential breaks are specifiable.
256 points
at the max
Supported
Supported
(Data-
and Last-
access
attributes
[Read/Wri
te/Non-
accessed]
)
Not
supported
2 points
being shared by
an execution address and data access
2000 points
1 point
being shared by
an execution address and data access
Not supported
Forcible
break by
selecting
"Stop" on
emulator
debugger
Supported
Not
supported
Not
supported
RL78
RL78/F1x
2 points
being shared by
an execution address and data access
RL78/G1x
2 points for an execution address
RL78/I1x
RL78/L1x
1 point
being shared by
an execution address and data access
2 points
being shared by
an execution address and data access
Not
supported
1 point
being shared by
an execution address and data access
Not supported
Not supported
Not
supported;
the time
b/w Go and
Stop is
measurable.
2000 points
Memory
reference
&change
while
executing
program
Performanc
e
measureme
nt
Real-time
RAM
monitor
C0
coverage
Hot plug-
in
Hardware Break
V850
*1 *2
V850E1
V850ES
V850E2
2 points
being shared by
an execution address and data access
* Sequential breaks are specifiable.
Not supported
Target MCU
Single-wire Serial
Connection system
Break Function
Trace Function
12 points
being shared by
an execution address and data access
On-chip Debuggers Performance Property - page 2
★ New product ★★ Under development ☆ In planning
Renesas general tools catalog (Sep 2013)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com