Electronic Components Datasheet Search
  English  ▼

X  

IRF740SPBF. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IRF740SPBF.
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF740SPBF. Datasheet(HTML) 5 Page - Vishay Siliconix

  IRF740SPBF. Datasheet HTML 1Page - Vishay Siliconix IRF740SPBF. Datasheet HTML 2Page - Vishay Siliconix IRF740SPBF. Datasheet HTML 3Page - Vishay Siliconix IRF740SPBF. Datasheet HTML 4Page - Vishay Siliconix IRF740SPBF. Datasheet HTML 5Page - Vishay Siliconix IRF740SPBF. Datasheet HTML 6Page - Vishay Siliconix IRF740SPBF. Datasheet HTML 7Page - Vishay Siliconix IRF740SPBF. Datasheet HTML 8Page - Vishay Siliconix IRF740SPBF. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 91055
www.vishay.com
S11-1049-Rev. C, 30-May-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF740S, SiHF740S
Vishay Siliconix
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
91055_09
TC, Case Temperature (°C)
0
4
6
8
10
25
150
125
100
75
50
2
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
g
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
91055_11
D
= 0.5
0.2
0.1
0.05
0.01
Single Pulse
(Thermal Response)
P
DM
t
1
t
2
Notes:
1. Duty Factor, D = t
1/t2
2. Peak T
j = PDM x ZthJC + TC
0.02
10
1
0.1
10-2
t1, Rectangular Pulse Duration (S)
10-5
10-4
10-3
10-2
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com