Electronic Components Datasheet Search
  English  ▼

X  

OPA633 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA633
Description  High Speed BUFFER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA633 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  OPA633 Datasheet HTML 1Page - National Semiconductor (TI) OPA633 Datasheet HTML 2Page - National Semiconductor (TI) OPA633 Datasheet HTML 3Page - National Semiconductor (TI) OPA633 Datasheet HTML 4Page - National Semiconductor (TI) OPA633 Datasheet HTML 5Page - National Semiconductor (TI) OPA633 Datasheet HTML 6Page - National Semiconductor (TI) OPA633 Datasheet HTML 7Page - National Semiconductor (TI) OPA633 Datasheet HTML 8Page - National Semiconductor (TI) OPA633 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
®
OPA633
SPECIFICATIONS
ELECTRICAL
At +25
°C, V
S = ±12V, RS = 50Ω, RL = 100Ω, and CL = 10pF, unless otherwise specified.
OPA633KP
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FREQUENCY RESPONSE
Small Signal Bandwidth
260
MHz
Full Power Bandwidth
V
O = 1Vrms, RL = 1kΩ
40
MHz
Slew Rate
V
O = 10V, VS = ±15V, RL = 1kΩ
1000
2500
V/
µs
Rise Time, 10% to 90%
V
O = 500mV
2.5
ns
Propagation Delay
1ns
Overshoot
10
%
Settling Time, 0.1%
50
ns
Differential Phase Error (1)
0.1
Degrees
Differential Gain Error (1)
0.1
%
Total Harmonic Distortion
V
O = 1Vrms, RL = 1kΩ, f = 100kHz
0.005
%
V
O = 1Vrms, RL = 100Ω, f = 100kHz
0.02
%
OUTPUT CHARACTERISTICS
Voltage
T
A = TMIN to TMAX
±8
±10
V
R
L = 1kΩ, VS = ±15V
±11
±13
V
Current
±80
±100
mA
Resistance
5
Ω
TRANSFER CHARACTERISTICS
Gain
0.93
0.95
V/V
R
L = 1kΩ
0.99
V/V
T
A = TMIN to TMAX
0.92
0.95
V/V
INPUT
Offset Voltage
T
A = +25°C
±5
±15
mV
T
A = TMIN to TMAX
±6
±25
mV
vs Temperature
±33
µV/°C
vs Supply
T
A = TMIN to TMAX
54
72
dB
Bias Current
T
A = +25°C
±15
±35
µA
T
A = TMIN to TMAX
±20
±50
µA
Noise Voltage
10Hz to 1MHz
20
µVp-p
Resistance
1.5
M
Ω
Capacitance
1.6
pF
POWER SUPPLY
Rated Supply Voltage
Specified Performance
±12
V
Operating Supply Voltage
Derated Performance
±5
±16
V
Current, Quiescent
I
O = 0
21
25
mA
I
O = 0, TA = TMIN to TMAX
21
30
mA
TEMPERATURE RANGE
Specification, Ambient
0
+75
°C
Operating, Ambient
–25
+85
°C
θ Junction, Ambient
90
°C/W
NOTE: (1) Differential phase error in video transmission systems is the change in phase of a color subcarrier resulting from a change in picture signal from blanked to
white. Differential gain error is the change in amplitude at the color subcarrier frequency resulting from a change in picture signal from blanked to white.
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Power Supply,
±V
S
............................................................................
±20V
Input Voltage V
IN
...................................................... +V
S + 2V to –VS – 2V
Output Current (peak) ...................................................................
±200mA
Internal Power Dissipation (25
°C) .................................................... 1.95W
Junction Temperature ...................................................................... 200
°C
Storage Temperature Range ............................................ –40
°C to +85°C
Lead Temperature (soldering, 10s) .................................................. 300
°C
PACKAGE INFORMATION(1)
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER
OPA633KP
8-Pin Plastic DIP
006
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
TEMPERATURE
MODEL
PACKAGE
RANGE
OPA633KP
8-Pin Plastic DIP
0
°C to +75°C
ORDERING INFORMATION
1
2
3
4
8
7
6
5
+V
S
NC
NC
In
Out
NC
Substrate (ground)
–V
S
Top View



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com