Electronic Components Datasheet Search
  English  ▼

X  

OPA633 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA633
Description  High Speed BUFFER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA633 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  OPA633 Datasheet HTML 1Page - National Semiconductor (TI) OPA633 Datasheet HTML 2Page - National Semiconductor (TI) OPA633 Datasheet HTML 3Page - National Semiconductor (TI) OPA633 Datasheet HTML 4Page - National Semiconductor (TI) OPA633 Datasheet HTML 5Page - National Semiconductor (TI) OPA633 Datasheet HTML 6Page - National Semiconductor (TI) OPA633 Datasheet HTML 7Page - National Semiconductor (TI) OPA633 Datasheet HTML 8Page - National Semiconductor (TI) OPA633 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
®
OPA633
SLEW RATE vs LOAD CAPACITANCE
Load Capacitance (pF)
3500
3000
2500
2000
1500
1000
500
0
10
1
100
1000
Rising Edge
Falling Edge
V
O = ±10V
R
L = 1kΩ
0
Load Capacitance (pF)
SLEW RATE vs LOAD CAPACITANCE
10,000
10
100
1
1000
3000
2500
2000
1500
1000
500
V
O = ±10V
R
L = 100Ω
GAIN/PHASE vs FREQUENCY
Frequency (MHz)
6
4
2
0
–2
–4
–6
–8
–10
–12
10
100
1000
θ
θ
R
S = 300Ω
R
S = 50Ω
0
–20
–40
–60
–80
–100
–120
SMALL SIGNAL BANDWIDTH vs TEMPERATURE
Temperature (°C)
300
290
280
270
260
250
240
–50
50
125
–25
0
25
75
100
V
S = ±5V
V
S = ±15V
V
O = 0.25Vrms
R
L = 100Ω
TYPICAL PERFORMANCE CURVES
At +25
°C, V
S = ±12V, RS = 50Ω, RL = 100Ω, and CL = 10pF, unless otherwise specified.
MAXIMUM POWER DISSIPATION
vs AMBIENT TEMPERATURE
Ambient Temperature (°C)
2.5
2.0
1.5
1.0
0.5
0
–50
50
125
–25
0
25
75
100
SAFE INPUT VOLTAGE vs FREQUENCY
Frequency (MHz)
6
5
4
3
2
1
0
1
10
100
R
L = 100Ω
R
S = 1kΩ
Sine Wave
Square Wave
R
L = 100Ω
(See Text)
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com