Electronic Components Datasheet Search
  English  ▼

X  

OPA830IDBVR Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830IDBVR
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830IDBVR Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button OPA830IDBVR Datasheet HTML 14Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 15Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 16Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 17Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 18Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 19Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 20Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 21Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
18
TYPICAL CHARACTERISTICS: VS = +3V, Differential Configuration
At TA = 25°C, G = +2, RF = 604Ω, and RL = 500Ω differential, unless otherwise noted.
R
L
60 4 Ω
60 4 Ω
R
G
R
G
V
O
V
I
GD =
604
Ω
R G
+3V
2k
Ω
1k
Ω
0.1
µF
2k
Ω
1k
Ω
+3V
OPA 830
OPA 830
0.1µF
1V
1V
9
6
3
0
−3
−6
−9
DIFFERENTIAL LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
200
V
O =2VPP
V
O =1VPP
V
O =200mVPP
G
D =2
−35
−45
−55
−65
−75
−85
−95
−105
−115
DIFFERENTIAL DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
100
3rd−Harmonic
2nd−Harmonic
G
D =2
V
O =2VPP
R
L = 500Ω
3
0
−3
−6
−9
−12
−15
DIFFERENTIAL SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
200
G
D =1
G
D =2
G
D =5
G
D =10
V
O = 200mVPP
R
L = 500Ω
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Resistance (
Ω)
100
150
200
250
300
350
400
450
500
3rd−Harmonic
2nd−Harmonic
V
O =4VPP
G
D =2
f=5MHz
−75
−80
−85
−90
−95
−100
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.50
0.75
1.00
1.25
1.50
1.75
2.00
3rd−Harmonic
2nd−Harmonic
G
D =2
R
L =500Ω
f= 5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com