Electronic Components Datasheet Search
  English  ▼

X  

OPA830IDBVR Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830IDBVR
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830IDBVR Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OPA830IDBVR Datasheet HTML 1Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 2Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 3Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 4Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 5Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 6Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 7Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 8Page - National Semiconductor (TI) OPA830IDBVR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
FEATURES
D HIGH BANDWIDTH:
250MHz (G = +1)
110MHz (G = +2)
D LOW SUPPLY CURRENT: 3.9mA (VS = +5V)
D FLEXIBLE SUPPLY RANGE:
±1.4V to ±5.5V Dual Supply
+2.8V to +11V Single Supply
D INPUT RANGE INCLUDES GROUND ON
SINGLE SUPPLY
D 4.88V OUTPUT SWING ON +5V SUPPLY
D HIGH SLEW RATE: 550V/µs
D LOW INPUT VOLTAGE NOISE: 9.2nV/√Hz
D Pb-FREE SOT23 PACKAGE
APPLICATIONS
D SINGLE-SUPPLY ANALOG-TO-DIGITAL
CONVERTER (ADC) INPUT BUFFERS
D SINGLE-SUPPLY VIDEO LINE DRIVERS
D CCD IMAGING CHANNELS
D LOW-POWER ULTRASOUND
D PLL INTEGRATORS
D PORTABLE CONSUMER ELECTRONICS
OPA830
V
IN
750
Ω
562
Ω
2.26k
Ω
374
Ω
22pF
+3V
100
Ω
+3V
THS1040
10−Bit
40MSPS
DC-Coupled, +3V ADC Driver
DESCRIPTION
The OPA830 is a low-power, single-supply, wideband,
voltage-feedback amplifier designed to operate on a single
+3V or +5V supply. Operation on
±5V or +10V supplies is also
supported. The input range extends below the negative
supply and to within 1.7V of the positive supply. Using
complementary common-emitter outputs provides an output
swing to within 25mV of either supply while driving 150
Ω. High
output drive current (
±80mA) and low differential gain and
phase errors also make them ideal for single-supply
consumer video products.
Low distortion operation is ensured by the high gain
bandwidth product (110MHz) and slew rate (550V/
µs), making
the OPA830 an ideal input buffer stage to 3V and 5V CMOS
ADCs. Unlike other low-power, single-supply amplifiers,
distortion performance improves as the signal swing is
decreased. A low 9.2nV/
√Hz input voltage noise supports
wide dynamic range operation.
The OPA830 is available in an industry-standard SO-8
package. The OPA830 is also available in an ultra-small
SOT23-5 package. For fixed-gain line driver applications,
consider the OPA832.
RELATED PRODUCTS
DESCRIPTION
SINGLES
DUALS
TRIPLES
QUADS
Rail-to-Rail
—
OPA2830
—
OPA4830
Rail-to-Rail Fixed Gain
OPA832
OPA2832
OPA3832
—
General-Purpose
(1800V/
µs slew rate)
OPA690
OPA2690
OPA3690
—
Low-Noise,
High DC Precision
OPA820
OPA2822
—
OPA4820
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
Low-Power, Single-Supply, Wideband
Operational Amplifier
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2004−2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA830IDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA830IDBVR BURR-BROWN-OPA830IDBVR Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830IDBVR TI-OPA830IDBVR Datasheet
633Kb / 34P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830IDBVR TI-OPA830IDBVR Datasheet
682Kb / 35P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830IDBVRG4 TI-OPA830IDBVRG4 Datasheet
633Kb / 34P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830IDBVRG4 TI-OPA830IDBVRG4 Datasheet
682Kb / 35P
Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA830IDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4830 NSC-OPA4830 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2830 TI1-OPA2830 Datasheet
1Mb / 43P
Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
OPA830-EP TI1-OPA830-EP_15 Datasheet
727Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com