Electronic Components Datasheet Search
  English  ▼

X  

OPA832IDBVT Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA832IDBVT
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA832IDBVT Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button OPA832IDBVT Datasheet HTML 6Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 7Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 9Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 10Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 11Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 12Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 13Page - National Semiconductor (TI) OPA832IDBVT Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
10
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = 25°C, G = +2, and RL = 150Ω to VCM = 2V, unless otherwise noted (see Figure 1).
80
70
60
50
40
30
20
10
0
COMMON−MODE REJECTION RATIO AND
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
100
1M
10M
1k
10k
100k
100M
CMRR
+PSRR
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
OUTPUT SWING vs LOAD RESISTANCE
R
L (Ω)
10
100
1k
G= +2V/V
V
S =+5V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
VOLTAGE RANGES vs TEMPERATURE
Ambient Temperature (10
_C/div)
−50
0
50
90
Most Positive Input Voltage
Least Positive Output Voltage
Least Positive Input Voltage
Most Positive Output Voltage
R
L = 150Ω
1.2
1.0
0.8
0.6
0.4
0.2
0
COMPOSITE VIDEO dG/dP
Number of 150
ΩLoads
1
234
dG
dP
OPA832
VI
Video
Loads
+5V
100
10
1
0.1
CLOSED−LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
1k
10M
10k
100k
1M
100M
OPA832
+5V
Z
O
400
Ω
200
Ω
400
Ω
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (10
_C/div)
10
8
6
4
2
0
−2
−4
−6
−8
−10
−40 −20
0
20
40
60
80
100
120
Bias Current (I
B)
10
× Input Offset (I
OS)
Input Offset Voltage (V
OS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com