Electronic Components Datasheet Search
  English  ▼

X  

OPA656UB Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656UB
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656UB Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button OPA656UB Datasheet HTML 7Page - National Semiconductor (TI) OPA656UB Datasheet HTML 8Page - National Semiconductor (TI) OPA656UB Datasheet HTML 9Page - National Semiconductor (TI) OPA656UB Datasheet HTML 10Page - National Semiconductor (TI) OPA656UB Datasheet HTML 11Page - National Semiconductor (TI) OPA656UB Datasheet HTML 12Page - National Semiconductor (TI) OPA656UB Datasheet HTML 13Page - National Semiconductor (TI) OPA656UB Datasheet HTML 14Page - National Semiconductor (TI) OPA656UB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
OPA656
11
SBOS196G
www.ti.com
is peaked up over frequency by the diode source capaci-
tance, and can, in many cases, become the limiting factor to
input sensitivity. The key elements to the design are the
expected diode capacitance (CD) with the reverse bias volt-
age (–VB) applied, the desired transimpedance gain, RF, and
the GBP for the OPA656 (230MHz). Figure 3 shows a design
from a 25pF source capacitance diode through a 50k
Ω
transimpedance gain. With these 3 variables set (including
the parasitic input capacitance for the OPA656 added to CD),
the feedback capacitor value (CF) may be set to control the
frequency response.
If the total output noise is bandlimited to a frequency less
than the feedback pole frequency (1/RFCF), a very simple
expression for the equivalent input noise current can be
derived as:
II
kT
R
E
R
EC F
EQ
N
F
N
F
ND
=+
+


+ (
)
2
2
2
4
2
3
π
Where:
iEQ = Equivalent input noise current if the output noise is
bandlimited to F < 1/(2
πR
FCD).
iN = Input current noise for the op amp inverting input.
eN = Input voltage noise for the op amp.
CD = Diode capacitance.
F = Bandlimiting frequency in Hz (usually a postfilter prior
to further signal processing).
4kT = 1.6E – 20J at 290
°K.
Evaluating this expression up to the feedback pole frequency
at 3.8MHz for the circuit of Figure 3, gives an equivalent input
noise current of 2.7pA/ Hz . This is much higher than the
1.3fA/ Hz for just the op amp itself. This result is being
dominated by the last term in the equivalent input noise
current expression. It is essential in this case to use a low
voltage noise op amp.
DESIGN-IN TOOLS
DEMONSTRATION FIXTURES
Two printed circuit boards (PCBs) are available to assist in
the initial evaluation of circuit performance using the OPA656
in its two package options. Both of these are offered free of
charge as unpopulated PCBs, delivered with a user's guide.
The summary information for these fixtures is shown in
Table I.
To achieve a maximally flat 2nd-order Butterworth frequency
response, the feedback pole should be set to:
12
4
/(
)
(
/(
))
ππ
RC
GBP
RC
FF
FD
=
Adding the common mode and differential mode input ca-
pacitance (0.7 + 2.8)pF to the 25pF diode source capaci-
tance of Figure 3, and targeting a 50k
Ω transimpedance gain
using the 230MHz GBP for the OPA656 will require a
feedback pole set to 3.8MHz. This will require a total feed-
back capacitance of 0.8pF. Typical surface-mount resistors
have a parasitic capacitance of 0.2pF leaving the required
0.6pF value shown in Figure 3 to get the required feedback
pole.
This will give an approximate –3dB bandwidth set by:
f
GBP
R C
Hz
dB
F
D
−
=
3
2
/)
π
The example of Figure 3 will give approximately 5.7MHz flat
bandwidth using the 0.6pF feedback compensation.
FIGURE 3. Wideband, Low-Noise, Transimpedance Amplifier.
R
F
50k
Ω
Supply Decoupling
Not Shown
C
D
25pF
λ
OPA656
+5V
–5V
–V
B
I
D
V
O = ID RF
C
F
0.6pF
ORDERING
LITERATURE
PRODUCT
PACKAGE
NUMBER
NUMBER
OPA656U
SO-8
DEM-OPA-SO-1A
SBOU009
OPA656N
SOT23-5
DEM-OPA-SOT-1A
SBOU010
TABLE I. Demonstration Fixtures by Package.
The demonstration fixtures can be requested at the Texas
Instruments web site (www.ti.com) through the OPA656
product folder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com