Electronic Components Datasheet Search
  English  ▼

X  

OPA656UB Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656UB
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656UB Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button OPA656UB Datasheet HTML 12Page - National Semiconductor (TI) OPA656UB Datasheet HTML 13Page - National Semiconductor (TI) OPA656UB Datasheet HTML 14Page - National Semiconductor (TI) OPA656UB Datasheet HTML 15Page - National Semiconductor (TI) OPA656UB Datasheet HTML 16Page - National Semiconductor (TI) OPA656UB Datasheet HTML 17Page - National Semiconductor (TI) OPA656UB Datasheet HTML 18Page - National Semiconductor (TI) OPA656UB Datasheet HTML 19Page - National Semiconductor (TI) OPA656UB Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
OPA656
16
SBOS196G
www.ti.com
DATE
REVISION
PAGE
SECTION
DESCRIPTION
Changed Storage Temperature Range from
−40°C to +125C to
−65°C to +125C.
DC Performance section; deleted
Drift from Input Offset Current specifications.
11
Design-In Tools
Added Design-In Tools paragraph and table.
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
3/06
F
11/08
G
2
Abs Max Ratings
3
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com