Electronic Components Datasheet Search
  English  ▼

X  

OPA2835 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2835
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2835 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button OPA2835 Datasheet HTML 8Page - National Semiconductor (TI) OPA2835 Datasheet HTML 9Page - National Semiconductor (TI) OPA2835 Datasheet HTML 10Page - National Semiconductor (TI) OPA2835 Datasheet HTML 11Page - National Semiconductor (TI) OPA2835 Datasheet HTML 12Page - National Semiconductor (TI) OPA2835 Datasheet HTML 13Page - National Semiconductor (TI) OPA2835 Datasheet HTML 14Page - National Semiconductor (TI) OPA2835 Datasheet HTML 15Page - National Semiconductor (TI) OPA2835 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
0
20
40
60
80
100
120
140
0.5
0.6
0.7
0.8
0.9
1
Rising
Falling
Output Voltage Step - V
V = 2.7 V,
G = 2,
R = 2 k
R = 2 k
S
F
L
W
W
-0.25
0
0.25
0.5
0.75
0
500
1000
1500
2000
-1.25
-0.75
-0.25
0.25
0.75
1.25
1.75
2.25
2.75
3.25
3.75
t - Time - ns
V = 2.7 V,
G = 5,
R = 2 k ,
R = 2 k
S
F
L
W
W
V
IN
V
OUT
0
0.5
1
1.5
2
2.5
0
500
1000
t - Time - ns
V = 2.7 V,
G = 1,
R = 0
R = 2 k
S
F
L
W
W
V
= 1.5 Vpp
OUT
V
= 0.5 Vpp
OUT
0
0.5
1
1.5
2
2.5
3
0
500
1000
t - Time - ns
V = 2.7 V,
G = -1,
R = 2 k
R = 2 k
S
F
L
W
W
V
= 2 Vpp
OUT
V
= 0.5 Vpp
OUT
-9
-6
-3
0
3
6
9
12
15
18
21
100k
1M
10M
100M
f - Frequency - Hz
V = 2.7 V,
V
= 100 mVpp,
R = 2 k
S
OUT
L
W
G = 10
G = 5
G = 2
G = 1
G = -1
-9
-6
-3
0
3
6
9
12
15
18
21
100k
1M
10M
100M
f - Frequency - Hz
G = 10
G = 5
G = 2
G = -1
V = 2.7 V,
V
= 1 Vpp,
R = 2 k
S
OUT
L
W
G = 1
OPA835
OPA2835
SLOS713E – JANUARY 2011 – REVISED JULY 2013
www.ti.com
TYPICAL PERFORMANCE GRAPHS: VS = 2.7 V
Figure 1. Small Signal Frequency Response
Figure 2. Large Signal Frequency Response
Figure 3. Noninverting Pulse Response
Figure 4. Inverting Pulse Response
Figure 5. Slew Rate vs Output Voltage Step
Figure 6. Output Overdrive Recovery
12
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com