Electronic Components Datasheet Search
  English  ▼

X  

OPA2835 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2835
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2835 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button OPA2835 Datasheet HTML 9Page - National Semiconductor (TI) OPA2835 Datasheet HTML 10Page - National Semiconductor (TI) OPA2835 Datasheet HTML 11Page - National Semiconductor (TI) OPA2835 Datasheet HTML 12Page - National Semiconductor (TI) OPA2835 Datasheet HTML 13Page - National Semiconductor (TI) OPA2835 Datasheet HTML 14Page - National Semiconductor (TI) OPA2835 Datasheet HTML 15Page - National Semiconductor (TI) OPA2835 Datasheet HTML 16Page - National Semiconductor (TI) OPA2835 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
0
0.5
1
1.5
2
2.5
3
10
100
1k
10k
R - Load Resistance -
L
W
V
= Low
OUT
V
= High
OUT
V = 2.7 V,
G = 5,
R = 2 k
S
F
W
0.001
0.01
0.1
1
0.1
10
100
1
I - Load Current - mA
L
V
= Low
OUT
V
= High
OUT
V = 2.7 V,
G = 5,
R = 2 k
S
F
W
-90
-80
-70
-60
-50
-40
-30
HD
3
HD
2
V = 2.7 V,
G = 1,
f = 1 MHz,
R = 0
,
R = 2 k
S
F
L
W
W
0
1
2
V - Output Voltage - Vpp
O
1
2
3
4
5
6
7
8
9
10
Gain - V/V
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
HD3
HD2
V = 2.7 V,
G = 1,
f = 1 MHz,
V
= 1 Vpp,
R = 2 k
S
OUT
L
W
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
10k
100k
1M
10M
f - Frequency - Hz
V = 2.7 V,
G = 1,
V
= 1 Vpp,
R = 0
,
R = 2 k
S
OUT
F
L
W
W
HD3
HD2
-90
-85
-80
-75
-70
-65
-60
-55
-50
100
1k
10k
R
- Load Resistance -
LOAD
W
HD3
HD2
V = 2.7 V,
G = 1,
f = 1 MHz,
R = 0
V
= 1 Vpp
S
F
OUT
W
OPA835
OPA2835
www.ti.com
SLOS713E – JANUARY 2011 – REVISED JULY 2013
TYPICAL PERFORMANCE GRAPHS: VS = 2.7 V (continued)
Figure 7. Harmonic Distortion vs Frequency
Figure 8. Harmonic Distortion vs Load Resistance
Figure 9. Harmonic Distortion vs Output Voltage
Figure 10. Harmonic Distortion vs Gain
Figure 11. Output Voltage Swing vs Load Resistance
Figure 12. Output Saturation Voltage vs Load Current
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com