Electronic Components Datasheet Search
  English  ▼

X  

OPA2890 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2890
Description  Low-Power, Wideband, Voltage-Feedback Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2890 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button OPA2890 Datasheet HTML 4Page - National Semiconductor (TI) OPA2890 Datasheet HTML 5Page - National Semiconductor (TI) OPA2890 Datasheet HTML 6Page - National Semiconductor (TI) OPA2890 Datasheet HTML 7Page - National Semiconductor (TI) OPA2890 Datasheet HTML 8Page - National Semiconductor (TI) OPA2890 Datasheet HTML 9Page - National Semiconductor (TI) OPA2890 Datasheet HTML 10Page - National Semiconductor (TI) OPA2890 Datasheet HTML 11Page - National Semiconductor (TI) OPA2890 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
-70
-75
-80
-85
-90
-95
Resistance( )
W
100
1k
V =2V
O
PP
f=1MHz
G=+2V/V
3rdHarmonic
2ndHarmonic
-75
-80
-85
-90
-95
SupplyVoltage( V )
± S
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V =2V
O
PP
R =200W
L
G=+2V/V
2ndHarmonic
3rdHarmonic
-50
-60
-70
-80
-90
-100
-110
Frequency(MHz)
0.1
1
10
V =2V
O
PP
R =200W
L
G=+2V/V
2ndHarmonic
3rdHarmonic
-75
-80
-85
-90
-95
OutputVoltageSwing(V )
PP
0.1
1
10
R =200W
L
f=1MHz
G=+2V/V
2ndHarmonic
3rdHarmonic
-70
-75
-80
-85
-90
-95
Gain(V/V)
1
10
20
V
O =2VPP
R
L =200W
f=1MHz
2ndHarmonic
3rdHarmonic
-65
-70
-75
-80
-85
-90
Gain(V/V)
-1
-10
-20
V
O =2VPP
R
L =200W
f=1MHz
2ndHarmonic
3rdHarmonic
OPA2890
SBOS364C – DECEMBER 2007 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 200Ω, unless otherwise noted. See Figure 49.
HARMONIC DISTORTION vs LOAD RESISTANCE
1MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
HARMONIC DISTORTION vs NONINVERTING GAIN
HARMONIC DISTORTION vs INVERTING GAIN
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com