Electronic Components Datasheet Search
  English  ▼

X  

OPA2890 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2890
Description  Low-Power, Wideband, Voltage-Feedback Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2890 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button OPA2890 Datasheet HTML 8Page - National Semiconductor (TI) OPA2890 Datasheet HTML 9Page - National Semiconductor (TI) OPA2890 Datasheet HTML 10Page - National Semiconductor (TI) OPA2890 Datasheet HTML 11Page - National Semiconductor (TI) OPA2890 Datasheet HTML 12Page - National Semiconductor (TI) OPA2890 Datasheet HTML 13Page - National Semiconductor (TI) OPA2890 Datasheet HTML 14Page - National Semiconductor (TI) OPA2890 Datasheet HTML 15Page - National Semiconductor (TI) OPA2890 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
3
0
-3
-6
-9
-12
-15
-18
Frequency(Hz)
1M
10M
400M
100M
G =1V/V
D
G =2V/V
D
G =10V/V
D
G =5V/V
D
R =750
R =400
F
L
W
W
9
6
3
0
-3
-6
-9
-12
Frequency(MHz)
1
10
200
100
V =8V
O
PP
V =14V
O
PP
V =5V
O
PP
R =400
G =2V/V
W
L
D
-60
-65
-70
-75
-80
-85
-90
Resistance( )
W
100
1k
2ndHarmonic
3rdHarmonic
V =4V
f=1MHz
G =2V/V
O
PP
D
-30
-40
-50
-60
-70
-80
-90
-100
Frequency(MHz)
1
10
20
V =4V
R
O
PP
L =400W
G =2V/V
D
2ndHarmonic
3rdHarmonic
-65
-70
-75
-80
-85
-90
OutputVoltage(V )
PP
1
10
R =400
f=1MHz
G =2V/V
W
L
D
2ndHarmonic
3rdHarmonic
-90
-100
-110
-120
-130
-140
-150
Frequency(Hz)
1k
10k
100k
1M
R
L_DIFF =1kW
G = 1V/V
-
D
V
O
PP
=4V
3rdHarmonic
2ndHarmonic
OPA2890
SBOS364C – DECEMBER 2007 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V, Differential
At TA = +25°C, Differential Gain = +2V/V, and RL = 400Ω, unless otherwise noted. See Figure 52.
DIFFERENTIAL SMALL-SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL LARGE-SIGNAL FREQUENCY RESPONSE
Figure 26.
Figure 27.
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
DIFFERENTIAL DISTORTION vs FREQUENCY
Figure 28.
Figure 29.
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
DIFFERENTIAL DISTORTION vs FREQUENCY
Figure 30.
Figure 31.
12
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com