Electronic Components Datasheet Search
  English  ▼

X  

OPA4830 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA4830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4830 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  OPA4830 Datasheet HTML 1Page - National Semiconductor (TI) OPA4830 Datasheet HTML 2Page - National Semiconductor (TI) OPA4830 Datasheet HTML 3Page - National Semiconductor (TI) OPA4830 Datasheet HTML 4Page - National Semiconductor (TI) OPA4830 Datasheet HTML 5Page - National Semiconductor (TI) OPA4830 Datasheet HTML 6Page - National Semiconductor (TI) OPA4830 Datasheet HTML 7Page - National Semiconductor (TI) OPA4830 Datasheet HTML 8Page - National Semiconductor (TI) OPA4830 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OutputD
-InputD
+InputD
-V
+InputC
-InputC
OutputC
OutputA
-InputA
+InputA
+V
+InputB
-InputB
OutputB
A
D
B
C
OPA4830
TopView
TSSOP
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
OPA4830IPW
Rail, 90
OPA4830
TSSOP-14
PW
–40
°C to +85°C
OPA4830
OPA4830IPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Power Supply
12VDC
Internal Power Dissipation
See Thermal Analysis
Differential Input Voltage
±2.5V
Input Voltage Range (Single Supply)
–0.5V to +VS + 0.3V
Storage Temperature Range: D, PW
–65
°C to +125°C
Lead Temperature (soldering, 10s)
+300
°C
Maximum Junction Temperature (TJ):
Peak
+150
°C
Continuous Operation, Long-Term Reliability
+140
°C
ESD Rating:
Human Body Model (HBM)
2000V
Charge Device Model (CDM)
1500V
Machine Model (MM)
200V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress Ratings only, and functional operations of the device at these and any other conditions
beyond those specified is not supported.
PIN CONFIGURATION
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com