Electronic Components Datasheet Search
  English  ▼

X  

OPA4830 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA4830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4830 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button OPA4830 Datasheet HTML 4Page - National Semiconductor (TI) OPA4830 Datasheet HTML 5Page - National Semiconductor (TI) OPA4830 Datasheet HTML 6Page - National Semiconductor (TI) OPA4830 Datasheet HTML 7Page - National Semiconductor (TI) OPA4830 Datasheet HTML 8Page - National Semiconductor (TI) OPA4830 Datasheet HTML 9Page - National Semiconductor (TI) OPA4830 Datasheet HTML 10Page - National Semiconductor (TI) OPA4830 Datasheet HTML 11Page - National Semiconductor (TI) OPA4830 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +3V (continued)
Boldface limits are tested at +25
°C.
At TA = +25°C, G = +2, and RL = 150Ω to VS/3, unless otherwise noted.
OPA4830IPW
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
MIN/
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3)
UNITS
MAX
TEST LEVEL
(1)
POWER SUPPLY
Minimum Operating Voltage
+2.8
V
min
B
Maximum Operating Voltage
+11
+11
V
max
A
Maximum Quiescent Current
VS = +3V, All Channels
15
16.4
17.6
mA
max
A
Minimum Quiescent Current
VS = +3V, All Channels
15
13.2
12.4
mA
min
A
Power-Supply Rejection Ratio (PSRR)
Input-Referred
64
60
58
dB
min
A
THERMAL CHARACTERISTICS
Specification: IPW
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
PW
TSSOP-14
95
°C/W
typ
C
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com