Electronic Components Datasheet Search
  English  ▼

X  

OPA4830IPW Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA4830IPW
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4830IPW Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button OPA4830IPW Datasheet HTML 12Page - National Semiconductor (TI) OPA4830IPW Datasheet HTML 13Page - National Semiconductor (TI) OPA4830IPW Datasheet HTML 14Page - National Semiconductor (TI) OPA4830IPW Datasheet HTML 15Page - National Semiconductor (TI) OPA4830IPW Datasheet HTML 16Page - National Semiconductor (TI) OPA4830IPW Datasheet HTML 17Page - National Semiconductor (TI) OPA4830IPW Datasheet HTML 18Page - National Semiconductor (TI) OPA4830IPW Datasheet HTML 19Page - National Semiconductor (TI) OPA4830IPW Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
4
3
2
1
0
-1
-2
-3
-4
AmbientTemperature( C)
°
8
6
4
2
0
-2
-4
-6
-8
-50
-25
0
25
50
75
100
125
InputBiasCurrent(I )
B
10
InputOffsetCurrent(I
)
´
OS
InputOffsetVoltage(V
)
OS
100
95
90
85
80
75
70
65
60
AmbientTemperature( C)
°
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
-50
-25
0
25
50
75
100
125
OutputCurrent,Sinking
QuiescentCurrent
OutputCurrent,Sourcing
90
80
70
60
50
40
30
20
10
0
Frequency(Hz)
1k
10k
100k
1M
10M
100M
CMRR
PSRR
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
LoadResistance( )
W
10
100
1k
G=+5V/V
-30
-40
-50
-60
-70
-80
-90
Frequency(MHz)
1
10
100
Input-Referred
AllHostileCrosstalk
1V
Output,3Channels
PP
Channel-to-ChannelCrosstalk
1V
Output,1Channel
PP
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω to VS/2, and input VCM = 2.5V, unless otherwise noted (see Figure 72).
TYPICAL DC DRIFT OVER TEMPERATURE
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Figure 42.
Figure 43.
CMRR AND PSRR vs FREQUENCY
OUTPUT SWING vs LOAD RESISTANCE
Figure 44.
Figure 45.
CROSSTALK vs FREQUENCY
Figure 46.
16
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com