Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SN10501DBVR
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SN10501DBVR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button SN10501DBVR Datasheet HTML 7Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 8Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 9Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 10Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 11Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 12Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 13Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 14Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Video Drive Circuits
SINGLE SUPPLY OPERATION
+
−
Video In
10
µF
0.1
µF
VS−
75
Ω
75
Ω
10
µF
0.1
µF
1.43 k
Ω
1.43 k
Ω
75
Ω
VS+
+
5
3
4
2
+
1
VO
_
+
49.9
Ω
50
Ω Source
VI
+VS
VO
Rf
1.3 k
Ω
Rg
1.3 k
Ω
+VS
2
+VS
2
_
+
1.3 k
Ω
50
Ω Source
VI
VS
VO
Rf
1.3 k
Ω
52.3
Ω
Rg
499
Ω
RT
499
Ω
RT
+VS
2
+VS
2
+
−
Video In
10
µF
0.1
µF
VS−
75
Ω
75
Ω
10
µF
0.1
µF
1.43 k
Ω
1.43 k
Ω
75
Ω
VS+
+
5
3
4
2
+
1
75
Ω
75
Ω
75
Ω
75
Ω
VO
VO
VO
SN10501
SN10502
SN10503
www.ti.com .................................................................................................................................................. SLOS408B – MARCH 2003 – REVISED JANUARY 2009
as the noninverting circuit in Figure 33. However, the
amplifier output now sees the 100-
Ω feedback
Most video-distribution systems are designed with
resistor in parallel with the external load. To eliminate
75-
Ω series resistors to drive a matched 75-Ω cable.
this excessive loading, increase both Rg and Rf,
In order to deliver a net gain of 1 to the 75-
Ω
values, as shown in Figure 34, and then provide the
matched load, the amplifier is typically set up for a
input-matching impedance with a third resistor (RM) to
voltage gain of 2, compensating for the 6-dB
ground. The total input impedance becomes the
attenuation of the voltage divider formed by the series
parallel combination of Rg and RM.
and shunt 75-
Ω resistors at either end of the cable.
The last major consideration to discuss in inverting
The
circuit
shown
in
Figure
36
meets
this
amplifier
design
is
setting
the
bias-current
requirement.
The
SN1050x
gain
flatness
and
cancellation resistor on the noninverting input. If the
differential
gain/phase
performance
provide
resistance is set equal to the total dc resistance
exceptional results in video distribution applications.
looking out of the inverting terminal, the output dc
error, due to the input bias currents, is reduced to the
input-offset current multiplied by Rf in Figure 34. The
dc source impedance looking out of the inverting
terminal is 1.3 k
Ω || (1.3 kΩ + 25.6 Ω) = 649 Ω. To
reduce the additional high-frequency noise introduced
by the resistor
at
the
noninverting
input,
and
power-supply feedback, RT is bypassed with a
capacitor to ground.
The SN1050x family is designed to operate from a
single 3-V to 15-V power supply. When operating
from a single power supply, care must be taken to
ensure that the input signal and amplifier are biased
appropriately to allow for the maximum output voltage
Figure 36. Cable Drive Application
swing. The circuits shown in Figure 35 demonstrate
methods to configure an amplifier for single-supply
Differential gain and phase measure the change in
operation.
overall small-signal gain and phase for the color
subcarrier frequency (3.58 MHz in NTSC systems) vs
changes in the large-signal output level (which
represents luminance information in a composite
video signal). The SN1050x, with the typical 150-
Ω
load of a single matched video cable, shows less
than 0.007% / 0.007° differential gain/phase errors
over the standard luminance range for a positive
video (negative sync) signal.
Figure 35. DC-Coupled Single Supply Operation
Figure 37. Video Distribution
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN10501 SN10502 SN10503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com