Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVR Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SN10501DBVR
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SN10501DBVR Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button SN10501DBVR Datasheet HTML 9Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 10Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 11Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 12Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 13Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 14Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 15Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 16Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
+
-
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
DAC Output
Input Range
VO Range
= 0 V to 1.25V
470
µF
= 0 V to 1.25V
5 V
47
µF
4.64 k
Ω
2.26 k
Ω
Output Range
= 2 V to 4.5 V
= 1 V to 2.25V
+
−
75
Ω
75
Ω
2.49 k
Ω
1.24 k
Ω
5 V
DAC Output
Input = 2.5 V
VO Range
= 0 V to 2V
470
µF
= 0 V to 2V
5 V
10 k
Ω
10 k
Ω
Output Range
= 0.5 V to 4.5V
68
µF
10
µF
APPLICATION CIRCUITS
Active Filtering With the SN1050x
+
-
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
DAC Output
Input Range
VO Range
= 0 V to 2V
470
µF
= 0 V to 2V
5 V
47
µF
3.01 k
Ω
3.01 k
Ω
Output Range
= 1.5 V to 3.5V
= 0.5 V to 4.5V
68
µF
_
+
49.9
Ω
50
Ω Source
1.3 k
Ω
4.7 pF
5 V
−5 V
33 pF
VO
1.3 k
Ω
52.3
Ω
VI
Driving Capacitive Loads
+
-
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
DAC Output
Input Range
VO Range
= 0 V to 2V
470
µF
= 0 V to 2V
5 V
47
µF
3.01 k
Ω
3.01 k
Ω
Output Range
= 1.5 V to 3.5V
= 0.5 V to 4.5V
2.5 V
SN10501
SN10502
SN10503
www.ti.com .................................................................................................................................................. SLOS408B – MARCH 2003 – REVISED JANUARY 2009
Figure 41. AC-Coupled Input and Output
Figure 44. Inverting AC-Coupled Wide Output
Single-Supply Video Amplifier
Swing Single-Supply Video Amplifier
To further increase dynamic range at the output, the
output dc bias should be centered around 2.5 V for
the 5-V system shown. However, a wide output range
requires a wide input range, and should be centered
around 2.5 V. The best ways to accomplish this are
High-frequency active filtering with the SN1050x is
to ac-couple the gain resistor or bias it at 2.5 V with a
achievable due to the amplifier's high slew rate, wide
reference
supply
as
shown
in
Figure
42
and
bandwidth,
and
voltage
feedback
architecture.
Figure 43.
Several options are available for high-pass, low-pass,
bandpass, and bandstop filters of varying orders. A
simple two-pole, low-pass filter is presented in
Figure 45 as an example, with two poles at 25 MHz.
Figure 42. AC-Coupled Wide Output Swing
Single-Supply Video Amplifier
Figure 45. A Two-Pole Active Filter With Two
Poles Between 90 MHz and 100 MHz
A demanding, yet very common application for an op
amp is capacitive loading. Often, this load is the input
of an A/D converter, including additional external
capacitance, sometimes recommended to improve
A/D linearity. A high-speed, high open-loop gain
Figure 43. AC-Coupled Wide Output Swing
amplifier like the SN1050x can be very susceptible to
Single-Supply Video Amplifier Using Voltage
decreased stability and closed-loop response peaking
Reference
when a capacitive load is placed directly on the
output pin. When the amplifier's open-loop output
resistance is considered, the capacitance introduces
Another beneficial configuration is to use the amplifier
an additional pole in the signal path that can
in an inverting configuration as shown in Figure 44.
decrease the phase margin. When the primary
considerations
are
frequency-response
flatness,
pulse response fidelity, or distortion, the simplest and
most effective solution is to isolate the capacitive load
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): SN10501 SN10502 SN10503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com