Electronic Components Datasheet Search
  English  ▼

X  

THS4042CD Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4042CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4042CD Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4042CD Datasheet HTML 5Page - National Semiconductor (TI) THS4042CD Datasheet HTML 6Page - National Semiconductor (TI) THS4042CD Datasheet HTML 7Page - National Semiconductor (TI) THS4042CD Datasheet HTML 8Page - National Semiconductor (TI) THS4042CD Datasheet HTML 9Page - National Semiconductor (TI) THS4042CD Datasheet HTML 10Page - National Semiconductor (TI) THS4042CD Datasheet HTML 11Page - National Semiconductor (TI) THS4042CD Datasheet HTML 12Page - National Semiconductor (TI) THS4042CD Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 30
−40
−50
−60
−70
−100
−80
−90
DISTORTION
vs
FREQUENCY
f − Frequency − Hz
20M
10M
100k
1M
3rd Harmonic
2nd Harmonic
VCC = ±5 V
Gain = 2
RL = 1 kΩ
VO(pp) = 2 V
Figure 31
DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
2nd Harmonic
3rd Harmonic
VCC = ±15 V
Gain = 5
RL = 150 Ω
f = 1 MHz
−40
−50
−70
−90
0
5
10
15
20
−80
−60
Figure 32
DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
2nd Harmonic
3rd Harmonic
VCC = ±15 V
Gain = 5
RL = 1 kΩ
f = 1 MHz
−50
−60
−70
−80
−100
5
010
15
20
−90
Figure 33
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.3
0.2
12
3
Number of 150-
Ω Loads
0.1
0
0.4
0.5
Gain = 2
RF = 1.3 kΩ
40 IRE-NTSC Modulation
Worst Case
±100 IRE Ramp
VCC = ±15 V
VCC = ±5 V
Figure 34
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.15
°
0.1
°
12
3
Number of 150-
Ω Loads
0.05
°
0
°
0.2
°
0.25
°
VCC = ±15 V
VCC = ±5 V
0.35
°
0.3
°
0.4
°
Gain = 2
RF = 1.3 kΩ
40 IRE-NTSC Modulation
Worst Case
±100 IRE Ramp
Figure 35
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.3
0.2
12
3
Number of 150-
Ω Loads
0.1
0
0.4
0.5
VCC = ±15 V
VCC = ±5 V
0.6
Gain = 2
RF = 1.3 kΩ
40 IRE-PAL Modulation
Worst Case
±100 IRE Ramp
Figure 36
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.15
°
0.1
°
12
3
Number of 150-
Ω Loads
0.05
°
0
°
0.2
°
0.25
°
VCC = ±15 V
VCC = ±5 V
0.35
°
0.3
°
0.4
°
Gain = 2
RF = 1.3 kΩ
40 IRE-PAL Modulation
Worst Case
±100 IRE Ramp
Figure 37
f − Frequency − Hz
1G
10M
100k
1M
100M
CLOSED-LOOP
OUTPUT IMPEDANCE
vs
FREQUENCY
100
10
1
0.1
VCC = ±5 V & ±15 V
Gain = 2
RF = 1 kΩ
Figure 38
PSRR
vs
FREQUENCY
f − Frequency − Hz
100M
10M
100k
1M
40
VCC = ±15 V & ±5 V
+VCC & −VCC Responses
50
60
70
80
30
20
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com