Electronic Components Datasheet Search
  English  ▼

X  

THS4042CD Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4042CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4042CD Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4042CD Datasheet HTML 8Page - National Semiconductor (TI) THS4042CD Datasheet HTML 9Page - National Semiconductor (TI) THS4042CD Datasheet HTML 10Page - National Semiconductor (TI) THS4042CD Datasheet HTML 11Page - National Semiconductor (TI) THS4042CD Datasheet HTML 12Page - National Semiconductor (TI) THS4042CD Datasheet HTML 13Page - National Semiconductor (TI) THS4042CD Datasheet HTML 14Page - National Semiconductor (TI) THS4042CD Datasheet HTML 15Page - National Semiconductor (TI) THS4042CD Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 57
CAPACITIVE LOAD
RESPONSE
0.0
0.5
1.0
−4
−3
−2
−1
0
1
2
3
4
1.5
2.0
2.5
3.0
Gain = −1
Gain = 1
VCC = ±5 V
RL = 150 Ω
CL = 0.01 µF
t − Time −
µs
Figure 58
1-VOLT STEP RESPONSE
0
100
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
200
t − Time − ns
−0.8
300
400
VCC = ±15 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
Figure 59
1-VOLT STEP RESPONSE
0
100
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
200
t − Time − ns
300
400
VCC = ±5 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
Figure 60
20-VOLT STEP RESPONSE
0
200
−15
−10
−5
0
5
10
15
400
t − Time − ns
600
1000
800
VCC = ±15 V
Gain = 5
RF = 1.3 kΩ
RL = 150 Ω
Figure 61
5-V STEP RESPONSE
0
100
−3
−2
−1
1
2
3
300
200
t − Time − ns
500
0
400
VCC = ±5 V
Gain = 1
RF = 200 Ω
RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com