Electronic Components Datasheet Search
  English  ▼

X  

67WR2K Datasheet(PDF) 2 Page - Bi technologies

Part # 67WR2K
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

67WR2K Datasheet(HTML) 2 Page - Bi technologies

  67WR2K Datasheet HTML 1Page - Bi technologies 67WR2K Datasheet HTML 2Page - Bi technologies 67WR2K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
PACKAGING
ORDERING INFORMATION
Model Series
Pin Style
Resistance Prefix
Packaging Option:
no code = Box (standard)
TR = Tape & Reel (Pin Styles W, X only)
AP = Ammo Pack (Pin Styles W, X only)
TB = Tubes (Pin Styles P, W, X, Y, Z only)
Resistance Value
67 P F R 10K LF XX
Optional RoHS compliant product code
Tape
Width =
18 mm
Sprocket =
Single hole, 0.050” spacing
Capacity =
1,000 units
Seat plane to centerline of sprocket hole =
0.71” (18 mm)
Reel
Diameter =
14” (363 mm)
Option (TR code, available for 67W & 67X only): Tape & Reel. All units oriented with #1 pin to the right of the direction of feed.
Option (TB code): Tubes. All units oriented with #1 pin to same side. Tube capacity = 50 units.
(1)
(2)
(3)
CW
Model 67
Optional 0.70” lead length for AP &
TR packaging, pin style W & X only
Standard (no code): Boxes. Capacity = 100 units for 67W. 50 units for all other pin styles.
Option (AP code, available for 67W & 67X only): Ammo Pack. All units oriented with #1 pin to the right of the direction of feed.
Ammo
Tape Fold =
12” (305 mm)
Box =
1.8” x 13” x 10”
(46 mm x 330 mm x 254 mm)
Pin Style
P
W, Y
X, Z
Dimensions
Width =
0.57”
0.28”
0.28”
Height =
0.66”
0.93”
0.93”
Length =
20.9”
20.6”
24.4”
July 5, 2012
Model 67 page 2 of 3
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES
10
200
5K
50K
500K
20
500
10K
100K
1Meg
50
1K
20K
200K
2Meg
100
2K
25K
250K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com