Electronic Components Datasheet Search
  English  ▼

X  

67WR2K Datasheet(PDF) 3 Page - Bi technologies

Part # 67WR2K
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

67WR2K Datasheet(HTML) 3 Page - Bi technologies

  67WR2K Datasheet HTML 1Page - Bi technologies 67WR2K Datasheet HTML 2Page - Bi technologies 67WR2K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Model 67
TOP ADJUSTMENT
SIDE ADJUSTMENT
Schematic Diagram
This Surface
Max.
.195
4.95
.375 ± .015
9.53 ± 0.38
.062 ± .015
1.58 ± 0.38
.062 ± .015
1.58 ± 0.38
.021 ± .003
0.53 ± 0.076
.145
3.683
Standard Marking
This Surface
(3)(2)(1)
.18 Min.
4.6
.015 ± .005
0.38 ± 0.13
.410
10.4
Metal Adjustment Screw
Dia. With
±.005
±0.13
.090
2.29
Wide x
.020 ±.005
0.51 ±0.13
Depth
.025 ±.005
0.64 ±0.13
Terminal Pins (3)
Solderable
Dia.
Schematic Diagram
This Surface
0.021±.003
0.53±0.08
Max.
.195
4.95
.375 ± .015
9.53 ± 0.38
.145
3.68
Metal Adjustment Screw
Dia. With
(3)(2)(1)
.18 Min.
4.6
.015
0.38
.062 ± .015
1.58 ± 0.38
.090 ± .005
2.29± 0.13
.020 ± .005
0.51 ± 0.13
.025 ± .005
0.64 ± 0.13
Wide x
Depth
.410
10.4
Dia. Solderable
Terminal Pins (3)
SIDE ADJUSTMENT
Max.
Meniscus
(Typ.)
.03
0.8
.158
4.01
.203
5.156
.18
4.6
Solderable
Terminal
Pins (3)
Dia.
.021 ± .003
0.53 ± 0.08
Min.
Max.
Standoff .010
0.254
.187 ± .015
4.75 ± 0.38
.375 ± .015
9.53 ± 0.38
.062 ± .015
1.58 ± 0.38
(2)
(1)
(3)
.062 ± .015
1.58 ± 0.38
.10
2.5
.187 ± .015
4.75 ± 0.38
.10
2.5
.375 ± .015
9.53 ± 0.38
.10
2.5
Metal Adjustment Screw
Min.
Dia. With
.090 ± .005
2.29± 0.13
.020 ± .005
0.51 ± 0.13
.025 ± .005
0.64 ± 0.13
Wide x
Depth
Model 67W & 67Y
Model 66X & 67Z
Model 67P
July 5, 2012
Model 67 page 3 of 3
.10
2.5
.10
2.5
.100 ± .015
2.54 ± 0.38
.187 ± .015
4.75 ± 0.38
.100
2.54
.03
0.8
.10
2.5
.10
2.5
.187 ± .015
4.75 ± 0.38
Model 67W
Model 67Y
Typ.
0.05
1.25
.10
2.5
.10
2.5
.100 ± .015
2.54 ± 0.38
.062 ± .015
1.58 ± 0.38
.187 ± .015
4.75 ± 0.38
Model 67X
.10
2.5
.03 ± .015
0.8 ± 0.38
.10
2.5
.10
2.5
.062 ± .015
1.58 ± 0.38
.187 ± .015
4.75 ± 0.38
Model 67Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com