Electronic Components Datasheet Search
  English  ▼

X  

THS4061CD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4061CD
Description   180 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4061CD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS4061CD Datasheet HTML 1Page - National Semiconductor (TI) THS4061CD Datasheet HTML 2Page - National Semiconductor (TI) THS4061CD Datasheet HTML 3Page - National Semiconductor (TI) THS4061CD Datasheet HTML 4Page - National Semiconductor (TI) THS4061CD Datasheet HTML 5Page - National Semiconductor (TI) THS4061CD Datasheet HTML 6Page - National Semiconductor (TI) THS4061CD Datasheet HTML 7Page - National Semiconductor (TI) THS4061CD Datasheet HTML 8Page - National Semiconductor (TI) THS4061CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High Speed
− 180 MHz Bandwidth (G = 1, −3 dB)
− 400 V/
µs Slew Rate
− 40-ns Settling Time (0.1%)
D High Output Drive, IO = 115 mA (typ)
D Excellent Video Performance
− 75 MHz 0.1 dB Bandwidth (G = 1)
− 0.02% Differential Gain
− 0.02
° Differential Phase
D Very Low Distortion
− THD = −72 dBc at f = 1 MHz
D Wide Range of Power Supplies
− VCC = ±5 V to ±15 V
D Available in Standard SOIC, MSOP
PowerPAD
, JG, or FK Package
D Evaluation Module Available
description
The THS4061 and THS4062 are general-
purpose, single/dual, high-speed voltage feed-
back amplifiers ideal for a wide range of
applications including video, communication, and
imaging. The devices offer very good ac
performance with 180-MHz bandwidth, 400-V/
µs
slew rate, and 40-ns settling time (0.1% ). The
THS4061/2 are stable at all gains for both
inverting and noninverting configurations. These
amplifiers have a high output drive capability of
115 mA and draw only 7.8 mA supply current per
channel. Excellent professional video results can
be obtained with the low differential gain/phase
errors of 0.02%/0.02
° and wide 0.1 db flatness to
75 MHz. For applications requiring low distortion,
the THS4061/2 is ideally suited with total
harmonic distortion of −72 dBc at f = 1 MHz.
PowerPAD is a trademark of Texas Instruments Incorporated.
Copyright
 1998 − 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
THS4062
D AND DGN PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
−VCC
VCC+
2OUT
2IN−
2IN+
1
2
3
4
8
7
6
5
NULL
IN −
IN +
VCC−
NULL
VCC+
OUT
NC
THS4061
JG, D AND DGN PACKAGE
(TOP VIEW)
NC − No internal connection
_
+
THS4061
2 k
Ω
VI
2 k
Ω
75
Ω
75
Ω
VO
75
Ω
LINE DRIVER (G = 2)
Cross-Section View Showing
PowerPAD Option (DGN)
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
NC
VCC+
NC
OUT
NC
NC
IN−
NC
IN+
NC
THS4061
FK PACKAGE
(TOP VIEW)
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
CAUTION: The THS4061 and THS4062 provide ESD protection circuitry. However, permanent damage can still occur if this
device is subjected to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any
performance degradation or loss of functionality


Similar Part No. - THS4061CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4061CD TI-THS4061CD Datasheet
326Kb / 22P
180-MHz HIGH-SPEED AMPLIFIERS
THS4061CD TI-THS4061CD Datasheet
869Kb / 30P
180-MHz HIGH-SPEED AMPLIFIERS
THS4061CD TI1-THS4061CD Datasheet
1Mb / 31P
180-MHz HIGH-SPEED AMPLIFIERS
THS4061CDG4 TI-THS4061CDG4 Datasheet
869Kb / 30P
180-MHz HIGH-SPEED AMPLIFIERS
THS4061CDG4 TI1-THS4061CDG4 Datasheet
1Mb / 31P
180-MHz HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4061CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4051 TI-THS4051 Datasheet
487Kb / 30P
70-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061 Datasheet
326Kb / 22P
180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
180-MHz HIGH-SPEED AMPLIFIERS
THS4081IDGNR TI1-THS4081IDGNR Datasheet
947Kb / 32P
175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
70 MHz High Speed AMPLIFIERS
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
180-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com