Electronic Components Datasheet Search
  English  ▼

X  

THS4061CD Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4061CD
Description   180 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4061CD Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button THS4061CD Datasheet HTML 10Page - National Semiconductor (TI) THS4061CD Datasheet HTML 11Page - National Semiconductor (TI) THS4061CD Datasheet HTML 12Page - National Semiconductor (TI) THS4061CD Datasheet HTML 13Page - National Semiconductor (TI) THS4061CD Datasheet HTML 14Page - National Semiconductor (TI) THS4061CD Datasheet HTML 15Page - National Semiconductor (TI) THS4061CD Datasheet HTML 16Page - National Semiconductor (TI) THS4061CD Datasheet HTML 17Page - National Semiconductor (TI) THS4061CD Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 22
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
100 k
1 M
10 M
100 M
1 G
G = 2,
RF = 300 W,
RL = 100 W,
VO = 200 mVPP,
VS = +15 V
See Figure 24
f − Frequency − Hz
CH B to A
CH A to B
CROSSTALK
vs
FREQUENCY
Figure 23
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
100 k
1 M
10 M
100 M
1 G
G = 2,
RF = 300 W,
RL = 100 W,
VO = 200 mVPP,
VS = +5 V
See Figure 24
f − Frequency − Hz
CH B to A
CH A to B
CROSSTALK
vs
FREQUENCY
+
−
+
−
Measured
THS4062
B
THS4062
A
300
W
300
W
100
W
300
W
300
W
50
W Load
49.9
W
49.9
W
49.9
W
VIN
Figure 24. Test Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com