Electronic Components Datasheet Search
  English  ▼

X  

THS4082CD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4082CD
Description  175 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4082CD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4082CD Datasheet HTML 6Page - National Semiconductor (TI) THS4082CD Datasheet HTML 7Page - National Semiconductor (TI) THS4082CD Datasheet HTML 8Page - National Semiconductor (TI) THS4082CD Datasheet HTML 9Page - National Semiconductor (TI) THS4082CD Datasheet HTML 10Page - National Semiconductor (TI) THS4082CD Datasheet HTML 11Page - National Semiconductor (TI) THS4082CD Datasheet HTML 12Page - National Semiconductor (TI) THS4082CD Datasheet HTML 13Page - National Semiconductor (TI) THS4082CD Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 29
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
200
400
600
800
1000
2-V STEP RESPONSE
t - Time - ns
VCC = ± 15 V
Gain = 2
RF = 1.2 kΩ
RL = 150 Ω
Figure 30
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
0
200
400
600
800
1000
20-V STEP RESPONSE
t - Time - ns
VCC = ± 15 V
Gain = 5
RF = 1.2 kΩ
RL = 150 Ω
Figure 31
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
0.3
0.5
0.7
0.9
1.1
1.3
1.5
−40
−20
0
20
40
60
80
100
VCC = ± 15 V
VCC = ± 5 V
Figure 32
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
−40
−20
0
20
40
60
80
100
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VCC = ±15 V
VCC = ± 5 V
Figure 33
3
5
7
9
11
13
15
57
9
11
13
15
OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC - Supply Voltage - V
TA=25°C
RL = 150 Ω
RL = 1 kΩ
Figure 34
3
5
7
9
11
13
15
57
9
11
13
15
TA=25°C
COMMON-MODE INPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC - Supply Voltage - V
Figure 35
1
3
5
7
9
11
13
15
−40
−20
0
20
40
60
80
100
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − _C
VCC = ± 5 V
RL = 150 Ω
VCC = ± 5 V
RL = 1 kΩ
VCC = ± 15 V
RL = 150 Ω
VCC = ± 15 V
RL = 1 kΩ
Figure 36
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
57
9
11
13
15
TA=85°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
± VCC - Supply Voltage - V
TA=−40°C
TA=25°C
Figure 37
0.1
1
10
100
VOLTAGE & CURRENT NOISE
vs
FREQUENCY
f - Frequency - Hz
100
1k
10k
10
100k
VCC = ± 15 V and ± 5 V
TA = 25°C
VN
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com