Electronic Components Datasheet Search
  English  ▼

X  

THS4082CD Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4082CD
Description  175 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4082CD Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4082CD Datasheet HTML 7Page - National Semiconductor (TI) THS4082CD Datasheet HTML 8Page - National Semiconductor (TI) THS4082CD Datasheet HTML 9Page - National Semiconductor (TI) THS4082CD Datasheet HTML 10Page - National Semiconductor (TI) THS4082CD Datasheet HTML 11Page - National Semiconductor (TI) THS4082CD Datasheet HTML 12Page - National Semiconductor (TI) THS4082CD Datasheet HTML 13Page - National Semiconductor (TI) THS4082CD Datasheet HTML 14Page - National Semiconductor (TI) THS4082CD Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
theory of operation
The THS408x is a high-speed, operational amplifier configured in a voltage feedback architecture. It is built
using a 30-V, dielectrically isolated, complementary bipolar process with NPN and PNP transistors possessing
fTs of several GHz. This results in an exceptionally high performance amplifier that has a wide bandwidth, high
slew rate, fast settling time, and low distortion. A simplified schematic is shown in Figure 38.
IN − (2)
IN + (3)
(6) OUT
(4) VCC −
(7) VCC +
Figure 38. THS4081 Simplified Schematic
noise calculations and noise figure
Noise can cause errors on very small signals. This is especially true when amplifying small signals, where
signal-to-noise ratio (SNR) is very important. The noise model for the THS408x is shown in Figure 39. This
model includes all of the noise sources as follows:
• e
n = Amplifier internal voltage noise (nV/√Hz)
• IN+ = Noninverting current noise (pA/√Hz)
• IN− = Inverting current noise (pA/√Hz)
• e
Rx = Thermal voltage noise associated with each resistor (eRx = 4 kTRx )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com