Electronic Components Datasheet Search
  English  ▼

X  

THS4281 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4281 Datasheet HTML 1Page - National Semiconductor (TI) THS4281 Datasheet HTML 2Page - National Semiconductor (TI) THS4281 Datasheet HTML 3Page - National Semiconductor (TI) THS4281 Datasheet HTML 4Page - National Semiconductor (TI) THS4281 Datasheet HTML 5Page - National Semiconductor (TI) THS4281 Datasheet HTML 6Page - National Semiconductor (TI) THS4281 Datasheet HTML 7Page - National Semiconductor (TI) THS4281 Datasheet HTML 8Page - National Semiconductor (TI) THS4281 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
THS4281
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
UNIT
Supply voltage, VS– to VS+
16.5 V
Input voltage, VI
±VS ± 0.5 V
Differential input voltage, VID
±2 V
Output current, IO
±100 mA
Continuous power dissipation
See Dissipation Ratings Table
Maximum junction temperature, any condition, (2) TJ
+150°C
Maximum junction temperature, continuous operation, long-term reliability(2) TJ
+125°C
Storage temperature range, Tstg
–65°C to +150°C
HBM
3500 V
ESD ratings
CDM
1500 V
MM
100 V
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device. recommended operating conditions.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Dual supply
±1.35
±8.25
Supply voltage, (VS+ and VS –)
V
Single supply
2.7
16.5
DISSIPATION RATINGS TABLE PER PACKAGE
θJA
(1)
POWER RATING(2)
θJC
PACKAGE
(°C/W)
(°C/W)
TA < +25°C
TA = +85°C
DBV (5)
55
255.4
391 mW
156 mW
D (8)
38.3
97.5
1.02 W
410 mW
DGK (8)
71.5
180.8
553 mW
221 mW
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
Power rating is determined with a junction temperature of +125°C. This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the junction temperature at or below +125°C for best performance and long
term reliability.
2
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com