Electronic Components Datasheet Search
  English  ▼

X  

THS4281 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button THS4281 Datasheet HTML 3Page - National Semiconductor (TI) THS4281 Datasheet HTML 4Page - National Semiconductor (TI) THS4281 Datasheet HTML 5Page - National Semiconductor (TI) THS4281 Datasheet HTML 6Page - National Semiconductor (TI) THS4281 Datasheet HTML 7Page - National Semiconductor (TI) THS4281 Datasheet HTML 8Page - National Semiconductor (TI) THS4281 Datasheet HTML 9Page - National Semiconductor (TI) THS4281 Datasheet HTML 10Page - National Semiconductor (TI) THS4281 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
THS4281
www.ti.com
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS, VS = 5 V (VS+ = 5 V, VS– = GND) (continued)
At G = +2, RF = 2.49 kΩ, and RL = 1 kΩ to 2.5 V, unless otherwise noted
TYP
OVER TEMPERATURE
PARAMETER
CONDITIONS
0°C to
–40°C to
MIN/
+25°C
+25°C
UNITS
+70°C
+85°C
MAX
INPUT CHARACTERISTICS
Common-Mode Input Range
–0.4/5.4
–0.3/5.3
–0.1/5.1
–0.1/5.1
V
Min
Common-Mode Rejection Ratio
VCM = 0 V to 5 V
100
85
80
80
dB
Min
Input Resistance
Common-mode
100
M
Ω
Typ
Input Capacitance
Common-mode/Differential
0.8/1.2
pF
Typ
OUTPUT CHARACTERISTICS
RL = 10 kΩ
0.04/4.96
V
Typ
Output Voltage Swing
RL = 1 kΩ
0.15/4.85
0.2/4.8
0.25/4.75 0.25/4.75
V
Min
Output Current (Sourcing)
RL = 10 Ω
33
24
20
20
mA
Min
Output Current (Sinking)
RL = 10 Ω
44
30
25
25
mA
Min
Output Impedance
f = 1 MHz
1
Ω
Typ
POWER SUPPLY
Maximum Operating Voltage
5
16.5
16.5
16.5
V
Max
Minimum Operating Voltage
5
2.7
2.7
2.7
V
Min
Maximum Quiescent Current
0.75
0.9
0.98
1.0
mA
Max
Minimum Quiescent Current
0.75
0.6
0.57
0.55
mA
Min
VS+ = 5.5 V to 4.5 V,
Power-Supply Rejection (+PSRR)
100
80
75
75
dB
Min
VS– = 0 V
Power-Supply Rejection (–PSRR)
VS+ = 5 V, VS– = 0 V to 1.0 V
100
80
75
75
dB
Min
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com