Electronic Components Datasheet Search
  English  ▼

X  

THS4281DR Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281DR
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DR Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4281DR Datasheet HTML 5Page - National Semiconductor (TI) THS4281DR Datasheet HTML 6Page - National Semiconductor (TI) THS4281DR Datasheet HTML 7Page - National Semiconductor (TI) THS4281DR Datasheet HTML 8Page - National Semiconductor (TI) THS4281DR Datasheet HTML 9Page - National Semiconductor (TI) THS4281DR Datasheet HTML 10Page - National Semiconductor (TI) THS4281DR Datasheet HTML 11Page - National Semiconductor (TI) THS4281DR Datasheet HTML 12Page - National Semiconductor (TI) THS4281DR Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
THS4281
www.ti.com
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS, VS = ±5 V (continued)
At G = +2, RF = 2.49 kΩ, and RL = 1 kΩ, unless otherwise noted
TYP
OVER TEMPERATURE
PARAMETER
CONDITIONS
0°C to
–40°C to
MIN/
+25°C
+25°C
UNITS
+70°C
+85°C
MAX
POWER SUPPLY
Maximum Operating Voltage
±5
±8.25
±8.25
±8.25
V
Max
Minimum Operating Voltage
±5
±1.35
±1.35
±1.35
V
Min
Maximum Quiescent Current
0.8
0.93
1.0
1.05
mA
Max
Minimum Quiescent Current
0.8
0.67
0.62
0.6
mA
Min
Power-Supply Rejection (+PSRR)
VS+ = 5.5 V to 4.5 V, VS– = 5.0 V
100
80
75
75
dB
Min
Power-Supply Rejection (–PSRR)
VS+ = 5 V, VS– = –5.5 V to –4.5 V
100
80
75
75
dB
Min
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com